Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments LP8556 Datasheet HTML 22Page - Texas Instruments LP8556 Datasheet HTML 23Page - Texas Instruments LP8556 Datasheet HTML 24Page - Texas Instruments LP8556 Datasheet HTML 25Page - Texas Instruments LP8556 Datasheet HTML 26Page - Texas Instruments LP8556 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
Table 5. Setting Switching and PWM Dimming Frequency with an External Resistor
RFSET [kΩ] (Tolerance)
fSW [kHz]
fPWM [Hz] (Resolution)
Floating or FSET pin pulled HIGH
1250
9616 (11-bit)
470k - 1M (±5%)
312
2402 (12-bit)
300k, 330k (±5%)
312
4808 (12-bit)
200k (±5%)
312
6010 (11-bit)
147k, 150k, 154k, 158k (±1%)
312
9616 (11-bit)
121k (±1%)
312
12020 (10-bit)
100k (±1%)
312
14424 (10-bit)
86.6k (±1%)
312
16828 (10-bit)
75.0k (±1%)
312
19232 (10-bit)
63.4k (±1%)
625
2402 (12-bit)
52.3k, 53.6k (±1%)
625
4808 (12-bit)
44.2k, 45.3k (±1%)
625
6010 (11-bit)
39.2k (±1%)
625
9616 (11-bit)
34.0k (±1%)
625
12020 (10-bit)
30.1k (±1%)
625
14424 (10-bit)
26.1k (±1%)
625
16828 (10-bit)
23.2k (±1%)
625
19232 (10-bit)
20.5k (±1%)
1250
2402 (12-bit)
18.7k (±1%)
1250
4808 (12-bit)
16.5k (±1%)
1250
6010 (11-bit)
14.7k (±1%)
1250
9616 (11-bit)
13.0k (±1%)
1250
12020 (10-bit)
11.8k (±1%)
1250
14424 (10-bit)
10.7k (±1%)
1250
16828 (10-bit)
9.76k (±1%)
1250
19232 (10-bit)
FSET pin shorted to GND
1250
Same as PWM input
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com