Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments LP8556 Datasheet HTML 22Page - Texas Instruments LP8556 Datasheet HTML 23Page - Texas Instruments LP8556 Datasheet HTML 24Page - Texas Instruments LP8556 Datasheet HTML 25Page - Texas Instruments LP8556 Datasheet HTML 26Page - Texas Instruments LP8556 Datasheet HTML 27Page - Texas Instruments LP8556 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
LED1
LED2
LED3
LED4
LED5
72 degrees
Phase Delay
1/(fPWM)
Cycle Time
1
2
3
4
5
6
VBOOST
LED1
LED2
LED3
LED4
LED5
LED6
60 degrees
Phase Delay
1/(fPWM)
Cycle Time
1
2
3
4
5
6
VBOOST
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
PHASE SHIFT PWM SCHEME
Phase shift PWM scheme allows delaying the time when each LED driver is active. When the LED drivers are
not activated simultaneously, the peak load current from the boost output is greatly decreased. This reduces the
ripple seen on the boost output and allows smaller output capacitors. Reduced ripple also reduces the output
ceramic capacitor audible ringing. PSPWM scheme also increases the load frequency seen on the boost output
six times and therefore transfers the possible audible noise to the frequencies outside of the audible range.
Description of the PSPWM mode is seen in the following diagrams. PSPWM mode is set with <PS_MODE[2:0]>
bits.
PS_MODE[2:0]
Waveforms
Connection
000
6 LED strings with 60 degree phase shift. One driver for each LED string.
001
5 LED strings with 72 degree phase shift. One driver for each LED string.
(Driver #6 not used).
24
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com