Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 5 Page - Texas Instruments

  LP8556 Datasheet HTML 1Page - Texas Instruments LP8556 Datasheet HTML 2Page - Texas Instruments LP8556 Datasheet HTML 3Page - Texas Instruments LP8556 Datasheet HTML 4Page - Texas Instruments LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
PIN DESCRIPTIONS
uSMD
WQFN
Name
Type(1)
Description
A1, B1
1, 2
SW
A
A connection to the drain terminal of the integrated power MOSFET.
A2, B2
3, 4
GND_SW
G
A connection to the source terminal of the integrated power MOSFET.
A3
5
SDA
I/O
I2C data input/output pin.
A4
6
SCL
I
I2C clock input pin.
PWM dimming input. Supply a 75 Hz to 25 kHz PWM signal to control
B3
9
PWM
I
dimming. This pin must be connected to GND if unused.
Dual purpose pin serving both as a Chip enable and as a power supply
B4
7
EN / VDDIO
P
reference for PWM, SDA and SCL inputs. Drive this pin with a logic
gate capable of sourcing a minimum of 1 mA.
Device power supply pin. Provide 2.7V to 20V supply to this pin. This
C1
22
VDD
P
pin is an input of the internal LDO regulator. The output of the internal
LDO is what powers the device.
Boost converter output pin. The internal Feedback (FB) and Over-
C2
20
VBOOST
A
voltage Protection (OVP) circuitry monitors the voltage on this pin.
Connect the converter output capacitor bank close to this pin.
A connection for setting the boost frequency and PWM output dimming
frequency by using an external resistor. Connect a resistor, RFSET,
C3
21
FSET
A
between this pin and the ground reference (See Table 5). This pin may
be left floating if PWM_FSET_EN=0 AND BOOST_FSET_EN=0 (See
Table 9).
C4
14
LED3
A
LED driver - current sink terminal. If unused, it may be left floating.
Internal LDO output pin. Connect a capacitor, CVLDO, between this pin
D1
19
VLDO
P
and the ground reference.
A connection for the LED current set resistor. Connect a resistor,
D2
23
ISET
A
RISET, between this pin and the ground reference. This pin may be left
floating if ISET_EN=0 (See Table 9).
10, 11, 15, 24,
D3
GND
I
Ground pin.
DAP
D4
13
LED2
A
LED driver - current sink terminal. If unused, it may be left floating.
E1
18
LED6
A
LED driver - current sink terminal. If unused, it may be left floating.
E2
17
LED5
A
LED driver - current sink terminal. If unused, it may be left floating.
E3
16
LED4
A
LED driver - current sink terminal. If unused, it may be left floating.
E4
12
LED1
A
LED driver - current sink terminal. If unused, it may be left floating.
-
8
NC
-
No Connect pin.
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Digital Input Pin, I/O: Digital Input/Output Pin
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com