Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 36Page - Texas Instruments LP8556 Datasheet HTML 37Page - Texas Instruments LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments LP8556 Datasheet HTML 40Page - Texas Instruments LP8556 Datasheet HTML 41Page - Texas Instruments LP8556 Datasheet HTML 42Page - Texas Instruments LP8556 Datasheet HTML 43Page - Texas Instruments LP8556 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
CFG4
Address A4h
CFG4 register
7
6
5
4
3
2
1
0
PWM_TO_I_THRESHOLD[3:0]
RESERVED
STEADY_
DITHER[1:0]
_DITHER
Name
Bit
Access
Description
PWM_TO_I_
7:4
R/W
Select switch point between PWM and pure current dimming
_THRESHOLD
0000 = current dimming across entire range
0001 = switch point at 10% of the maximum LED current.
0010 = switch point at 12.5% of the maximum LED current.
0011 = switch point at 15% of the maximum LED current.
0100 = switch point at 17.5% of the maximum LED current.
0101 = switch point at 20% of the maximum LED current.
0110 = switch point at 22.5% of the maximum LED current.
0111 = switch point at 25% of the maximum LED current. This is a
recommended selection.
1000 = switch point at 33.33% of the maximum LED current.
1001 = switch point at 41.67% of the maximum LED current.
1010 = switch point at 50% of the maximum LED current.
1011 to 1111 = PWM dimming across entire range
RESERVED
3
R/W
STEADY_DITHER
2
R/W
Dither function method select:
0 = Dither only on transitions
1 = Dither at all times
DITHER
1:0
R/W
Dither function control
00 = Dithering disabled
01 = 1-bit dithering
10 = 2-bit dithering
11 = 3-bit dithering
CFG5
Address A5h
CFG5 register
7
6
5
4
3
2
1
0
PWM_DIRECT
PS_MODE[2:0]
PWM_FREQ[3:0]
Name
Bit
Access
Description
PWM_DIRECT
7
R/W
Intended for certain test mode purposes. When enabled, the entire pipeline is
bypassed and PWM output is connected with PWM input.
PS_MODE
6:4
R/W
Select PWM output phase configuration:
000 = 6-phase, 6 drivers (0°, 60°, 120°, 180°, 240°, 320°)
001 = 5-phase, 5 drivers (0°, 72°, 144°, 216°, 288°, OFF)
010 = 4-phase, 4 drivers (0°, 90°, 180°, 270°, OFF, OFF)
011 = 3-phase, 3 drivers (0°, 120°, 240°, OFF, OFF, OFF)
100 = 2-phase, 2 drivers (0°, 180°, OFF, OFF, OFF, OFF)
101 = 3-phase, 6 drivers (0°, 0°, 120°, 120°, 240°, 240°)
110 = 2-phase, 6 drivers (0°, 0°, 0°, 180°, 180°, 180°)
111 = 1-phase, 6 drivers (0°, 0°, 0°, 0°, 0°, 0°)
40
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com