Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 24Page - Texas Instruments LP8556 Datasheet HTML 25Page - Texas Instruments LP8556 Datasheet HTML 26Page - Texas Instruments LP8556 Datasheet HTML 27Page - Texas Instruments LP8556 Datasheet HTML 28Page - Texas Instruments LP8556 Datasheet HTML 29Page - Texas Instruments LP8556 Datasheet HTML 30Page - Texas Instruments LP8556 Datasheet HTML 31Page - Texas Instruments LP8556 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
Fault Detection
LP8556 has fault detection for LED open and short conditions, UVLO, over-current and thermal shutdown. The
cause for the fault can be read from status register. Reading the fault register will also reset the fault.
LED FAULT DETECTION
With LED fault detection, the voltages across the LED drivers are constantly monitored. Shorted or open LED
strings are detected.
OPEN DETECT: The logic uses the LOW comparators and the requested boost voltage to detect the OPEN
condition. If the logic is asking the boost for the maximum allowed voltage and a LOW comparator is asserted,
then the OPEN bit is set in the STATUS register (ADDR=02h). In normal operation, the adaptive headroom
control loop raises the requested boost voltage when the LOW comparator is asserted. If it has raised it as high
as it can and an LED string still needs more voltage, then it is assumed to be disconnected from the boost
voltage (open or grounded). The actual boost voltage is not part of the OPEN condition decision; only the
requested boost voltage and the LOW comparators.
SHORT DETECT: The logic uses all three comparators (HIGH, MID and LOW) to detect the SHORT condition.
When the MID and LOW comparators are de-asserted, the headroom control loop considers that string to be
optimized - enough headroom, but not excessive. If at least one LED string is optimized and at least one other
LED string has its HIGH comparator asserted, then the SHORT condition is detected. It is important to note that
the SHORT condition requires at least two strings for detection: one in the optimized headroom zone
(LOW/MID/HIGH comparators all de-asserted) and one in the excessive headroom zone (HIGH comparator
asserted).
Fault is cleared by reading the fault register.
UNDER-VOLTAGE DETECTION
LP8556 has detection for too-low VIN voltage. Threshold level for the voltage is set with EPROM register bits as
shown in the following table:
Table 6. UVLO Truth Table
UVLO_EN
UVLO_TH
Threshold (V)
0
don't care
OFF
1
0
2.5V
1
1
5.2V
When under voltage is detected the LED outputs and the boost will shutdown and the corresponding fault bit is
set in the fault register. The LEDs and the boost will start again when the voltage has increased above the
threshold level. Hysteresis is implemented to threshold level to avoid continuous triggering of fault when
threshold is reached.
Fault is cleared by setting the EN / VDDIO pin low or by reading the fault register.
OVER-CURRENT PROTECTION
LP8556 has detection for too-high loading on the boost converter. When over-current fault is detected, the the
boost will shutdown and the corresponding fault bit is set in the fault register. The boost will start again when the
current has dropped below the OCP threshold.
Fault is cleared by reading the fault register.
THERMAL SHUTDOWN
If the LP8556 reaches thermal shutdown temperature (150 °C ) the LED outputs and boost will shut down to
protect it from damage. Device will re-activate again when temperature drops below 130 °C degrees.
Fault is cleared by reading the fault register.
28
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com