Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments LP8556 Datasheet HTML 22Page - Texas Instruments LP8556 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
25%
100%
Max current is set with CURRENT and CURRENT_MAX EPROM bits
or CURRENT and CURRENT_MAX EPROM bits and RISET resistor
25%
50%
100%
PURE CURRENT CONTROL
(PWM_TO_I_THRESHOLD = 0000b)
BRIGHTNESS
50%
25%
50%
100%
PWM CONTROL
(PWM_TO_I_THRESHOLD = 1111b)
BRIGHTNESS
Max current is set with CURRENT and CURRENT_MAX EPROM bits
or CURRENT and CURRENT_MAX EPROM bits and RISET resistor
100%
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
OUTPUT DIMMING SCHEMES
The LP8556 supports three types of output dimming control methods: PWM Control, Pure Current Control and
Adaptive Dimming (Hybrid PWM & Current) Control.
PWM Control
PWM control is the traditional way of controlling the brightness using PWM of the outputs with a same LED
current across the entire brightness range. Brightness control is achieved by varying the duty cycle proportional
to the input PWM. PWM frequency is set either using an external set Resistor (RFSET) or using the PWM_FREQ
EPROM field. The maximum LED current is set either using an external set Resistor ( RISET) and CURRENT and
CURRENT_MAX EPROM bits or just using the CURRENT and CURRENT_MAX EPROM bits. Note that the
output PWM signal is de-coupled and generated independent of the input PWM signal eliminating display flicker
issues and allowing better noise immunity
Figure 21. PWM Only Output Dimming Scheme
Pure Current Control
In Pure Current Control mode, brightness control is achieved by changing the LED current proportionately from
maximum value to a minimum value across the entire brightness range. Like in PWM Control mode, the
maximum LED current is set either using an external set Resistor ( RISET) and CURRENT and CURRENT_MAX
EPROM bits or just using the CURRENT and CURRENT_MAX EPROM bits. Current resolution in this mode is
12-bits.
Figure 22. Pure Current / Analog Output Dimming Scheme
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com