Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 30Page - Texas Instruments ADS4449 Datasheet HTML 31Page - Texas Instruments ADS4449 Datasheet HTML 32Page - Texas Instruments ADS4449 Datasheet HTML 33Page - Texas Instruments ADS4449 Datasheet HTML 34Page - Texas Instruments ADS4449 Datasheet HTML 35Page - Texas Instruments ADS4449 Datasheet HTML 36Page - Texas Instruments ADS4449 Datasheet HTML 37Page - Texas Instruments ADS4449 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
ADS4449
SBAS603 – APRIL 2013
www.ti.com
Register Address 45h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
DIS OVR
0
0
0
SEL OVR
GLOBAL POWER DOWN
0
CONFIG PDN PIN
ON LSB
Bits D[7:5]
Always write '0'
Bit D4
DIS OVR ON LSB
0 = Effective ADC resolution is 13 bits (the LSB of a 14-bit output is OVR) (default)
1 = ADC resolution is 14 bits
Bit D3
SEL OVR: OVR selection
0 = Fast OVR selected (default)
1 = Normal OVR selected. See the Overrange Indication (OVRxx) section for details.
Bit D2
GLOBAL POWER DOWN
0 = Normal operation (default)
1 = Global power down. All ADC channels, internal references, and output buffers are
powered down. Wakeup time from this mode is slow (100 µs).
Bit D1
Always write '0'
Bit D0
CONFIG PDN PIN
Use this bit to configure PDN pin.
0 = The PDN pin functions as a standby pin. All channels are put in standby. Wake-up
time from standby mode is fast (10 µs). (default)
1 = The PDN pin functions as a global power-down pin. All ADC channels, internal
references, and output buffers are powered down. Wake-up time from global power
mode is slow (100 µs).
Register Address A9h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
CLOCKOUT DELAY PROG CH AB
Bits D[7:4]
Always write '0'
Bits D[6:3]
CLOCKOUT DELAY PROG CH AB
These bits program the clock out delay for channels A and B, see Table 5.
34
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com