Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 19Page - Texas Instruments ADS4449 Datasheet HTML 20Page - Texas Instruments ADS4449 Datasheet HTML 21Page - Texas Instruments ADS4449 Datasheet HTML 22Page - Texas Instruments ADS4449 Datasheet HTML 23Page - Texas Instruments ADS4449 Datasheet HTML 24Page - Texas Instruments ADS4449 Datasheet HTML 25Page - Texas Instruments ADS4449 Datasheet HTML 26Page - Texas Instruments ADS4449 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
65.5
66
66
66
66.5
66.5
66.5
67
67
67
67.5
67.5
67.5
68
68
68
68.5
68.5
68.5
69
69
69
69.4
69.4
69.4
69.8
69.8
69.8
70.2
70.2
70.2
70.6
Input Frequency, MHz
50
100
150
200
250
300
350
400
450
190
200
210
220
230
240
250
66
67
68
69
70
ADS4449
www.ti.com
SBAS603 – APRIL 2013
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = 1.9 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, rated sampling frequency, 0-dB gain, sine-wave input clock,
1.5-VPP differential clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, DDR LVDS output interface, and
32k-point FFT, unless otherwise noted.
Figure 40. SIGNAL-TO-NOISE RATIO
(0-dB Gain)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com