Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 22Page - Texas Instruments ADS4449 Datasheet HTML 23Page - Texas Instruments ADS4449 Datasheet HTML 24Page - Texas Instruments ADS4449 Datasheet HTML 25Page - Texas Instruments ADS4449 Datasheet HTML 26Page - Texas Instruments ADS4449 Datasheet HTML 27Page - Texas Instruments ADS4449 Datasheet HTML 28Page - Texas Instruments ADS4449 Datasheet HTML 29Page - Texas Instruments ADS4449 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
SCLK
SDOUT
tSD_DELAY
SDATA
SCLK
SEN
a) Enable serial readout (READOUT = 1)
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SDATA
SCLK
SEN
SDOUT
b) Read contents of Register 45h. This register is initialized with 04h.
SDOUT
0
0
0
0
0
0
0
1
Register Address A[7:0] = 00h
Register Data D[7:0] = 01h
Register Address A[7:0] = 45h
Register Data D[7:0] = XX (don’t care)
The SDOUT pin is in a high-impedance state (READOUT = 0).
The SDOUT pin functions as a serial readout (READOUT = 1).
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ADS4449
SBAS603 – APRIL 2013
www.ti.com
Serial Register Readout
The device includes a mode where the contents of the internal registers can be read back, as shown in
Figure 43. This readback mode can be useful as a diagnostic check to verify the serial interface communication
between the external controller and ADC.
1. Set the READOUT register bit to '1'. This setting disables any further writes to the registers except register
address 00h.
2. Initiate a serial interface cycle specifying the address of the register (A[7:0]) whose content must be read.
3. The device outputs the contents (D[7:0]) of the selected register on the SDOUT pin (pin G10).
4. The external controller can latch the contents at the SCLK falling edge.
5. To enable register writes, reset the READOUT register bit to '0'.
Note that the contents of register 00h cannot be read back because the register contains RESET and READOUT
bits. When the READOUT bit is disabled, the SDOUT pin is in a high-impedance state. If serial readout is not
used, the SDOUT pin must not be connected (must float).
Figure 43. Serial Readout Timing Diagram
SDOUT comes out at the SCLK rising edge with an approximate delay (tSD_DELAY) of 8 ns, as shown in Figure 44.
Figure 44. SDOUT Delay Timing
26
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com