Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 36Page - Texas Instruments ADS4449 Datasheet HTML 37Page - Texas Instruments ADS4449 Datasheet HTML 38Page - Texas Instruments ADS4449 Datasheet HTML 39Page - Texas Instruments ADS4449 Datasheet HTML 40Page - Texas Instruments ADS4449 Datasheet HTML 41Page - Texas Instruments ADS4449 Datasheet HTML 42Page - Texas Instruments ADS4449 Datasheet HTML 43Page - Texas Instruments ADS4449 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
ADS4449
SBAS603 – APRIL 2013
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS4449 is a quad-channel, 14-bit, analog-to-digital converter (ADC) with sampling rates up to
250 MSPS. At every falling edge of the input clock, the analog input signal for each channel is sampled
simultaneously. The sampled signal in each channel is converted by a pipeline of low-resolution stages. In each
stage, the sampled-and-held signal is converted by a high-speed, low-resolution, flash sub-ADC. The difference
(residue) between the stage input and quantized equivalent is gained and propagates to the next stage. At every
clock, each subsequent stage resolves the sampled input with greater accuracy. The digital outputs from all
stages are combined in a digital correction logic block and are digitally processed to create the final code, after a
data latency of 10 clock cycles. The digital output is available in a double data rate (DDR) low-voltage differential
signaling (LVDS) interface and is coded in binary twos complement format.
ENABLING 14-BIT RESOLUTION
By default after reset, the ADS4449 outputs 11-bit data on the Dxx13P, Dxx13M and Dxx3P, Dxx3M pins and
OVR information on the Dxx0P, Dxx0M pins. When the ALWAYS WRITE 1 bits are set, the ADC outputs 13-bit
data on the Dxx13P, Dxx13M and Dxx1P, Dxx1M pins and OVR information on the Dxx0P, Dxx0M pins. To
enable 14-bit resolution, the DIS OVR ON LSB register bit must be set to '1' as indicated in Table 6.
Table 6. ADC configuration
DATA ON ADC PINS
ALWAYS WRITE 1 = 1
ADC PIN NAMES
AFTER RESET
ALWAYS WRITE 1 = 1
DIS OVR ON LSB = 1
Dxx13
D13
D13
D13
—
—
—
—
Dxx3
D3
D3
D3
Dxx2
Logic 0
D2
D2
Dxx1
Logic 1
D1
D1
Dxx0
OVR
OVR
D0
11-bit data (D[13:3]) and OVR come
13-bit data (D[13:1]) and OVR come
14-bit data comes on ADC output
Comments
on ADC output pins
on ADC output pins
pins
ANALOG INPUT
The analog input consists of a switched-capacitor-based differential sample-and-hold architecture. This
differential topology results in very good ac performance even for high input frequencies at high sampling rates.
The INP and INM pins must be externally biased around a common-mode voltage of 1.15 V, available on the
VCM pin. For a full-scale differential input, each input pin (INP, INM) must swing symmetrically between VCM +
0.5 V and VCM – 0.5 V, resulting in a 2-VPP differential input swing.
The input sampling circuit has a high 3-dB bandwidth that extends up to 500 MHz when a 50-
Ω source drives the
ADC analog inputs.
Drive Circuit Requirements
For optimum performance, the analog inputs must be driven differentially. This configuration improves the
common-mode noise immunity and even-order harmonic rejection. A 5-
Ω to 15-Ω resistor in series with each
input pin is recommended to damp out ringing caused by package parasitics.
Spurious-free dynamic range (SFDR) performance can be limited because of several reasons (such as the effect
of sampling glitches, sampling circuit nonlinearity, and quantizer nonlinearity that follows the sampling circuit).
Depending on the input frequency, sampling rate, and input amplitude, one of these metrics plays a dominant
part in limiting performance. At very high input frequencies, SFDR is determined largely by the device sampling
circuit nonlinearity. At low input amplitudes, the quantizer nonlinearity typically limits performance.
40
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com