Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 7Page - Texas Instruments ADS4449 Datasheet HTML 8Page - Texas Instruments ADS4449 Datasheet HTML 9Page - Texas Instruments ADS4449 Datasheet HTML 10Page - Texas Instruments ADS4449 Datasheet HTML 11Page - Texas Instruments ADS4449 Datasheet HTML 12Page - Texas Instruments ADS4449 Datasheet HTML 13Page - Texas Instruments ADS4449 Datasheet HTML 14Page - Texas Instruments ADS4449 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
ADS4449
www.ti.com
SBAS603 – APRIL 2013
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NUMBER
AINM
B12
I
Negative differential analog input for channel A
AINP
C12
I
Positive differential analog input for channel A
AVDD33
B6, B7, E1, E2, E11, E12
I
Analog 3.3-V power supply
A1, A2, A5, A8, A11, A12,
AVDD
B3, B4, B9, B10, D1, D2,
I
Analog 1.9-V power supply
D11, D12
B2, B5, B8, B11, C2-C5,
AVSS
I
Analog ground
C8-C11, D4-D9
BINM
A9
I
Negative differential analog input for channel B
BINP
A10
I
Positive differential analog input for channel B
CINM
A3
I
Negative differential analog input for channel C
CINP
A4
I
Positive differential analog input for channel C
CLKINM
C6
I
Negative differential clock input
CLKINP
C7
I
Positive differential clock input
CLKOUTABM
M9
O
Negative differential LVDS clock output for channel A and B
CLKOUTABP
M10
O
Positive differential LVDS clock output for channel A and B
CLKOUTCDM
M4
O
Negative differential LVDS clock output for channels C and D
CLKOUTCDP
M3
O
Positive differential LVDS clock output for channels C and D
DAB[13:1]P,
F11, F12, G11, G12,
DAB0P/OVRABP,
H9-H12, J8-J12, K8-K12,
O
DDR LVDS outputs for channels A and B.
DAB[13:1]M,
L7-L12, M7, M8, M11, M12
DAB0M/OVRABM
DCD[13:1]P,
F1, F2, G1, G2, H1-H4,
DCD0P/OVRCDP,
J1-J5, K1-K5, L1-L6, M1,
O
DDR LVDS outputs for channels C and D.
DCD[13:1]M,
M2, M5, M6
DCD0M/OVRCDM
DINM
C1
I
Negative differential analog input for channel D
DINP
B1
I
Positive differential analog input for channel D
F3, F10, H5-H8, J6, J7, K6,
DRVDD
I
Digital 1.8-V power supply
K7
DRVSS
E4-E9, F4-F9
I
Digital ground
NC
E3, G3, G4, G5
-
Do not connect
PDN
E10
I
Power-down control; active high. Logic high is power down.
RESET
G6
I
Hardware reset; active high
SCLK
G7
I
Serial interface clock input
SDATA
G8
I
Serial interface data input
SDOUT
G10
O
Serial interface data output
SEN
G9
I
Serial interface enable
VCM
A6, A7, D3, D10
O
Common-mode voltage for analog inputs. All VCM pins are internally connected together.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com