Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 15Page - Texas Instruments ADS4449 Datasheet HTML 16Page - Texas Instruments ADS4449 Datasheet HTML 17Page - Texas Instruments ADS4449 Datasheet HTML 18Page - Texas Instruments ADS4449 Datasheet HTML 19Page - Texas Instruments ADS4449 Datasheet HTML 20Page - Texas Instruments ADS4449 Datasheet HTML 21Page - Texas Instruments ADS4449 Datasheet HTML 22Page - Texas Instruments ADS4449 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
−60
−55
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
0
50
100
150
200
250
300
Frequency of Input Common−Mode Signal (MHz)
Input Frequency = 185 MHz
50−mVPP Signal Superimposed on VCM
G026
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
FIN = 185 MHz
FCM = 10 MHz, 50−mVPP
SFDR = 76 dBc
Amlpitude(FIN) = −1 dBFS
Amlpitude(FCM) = −95 dBFS
Amplitude
FIN + FCM = −77.2 dBFS
Amplitude
FIN − FCM = −80.9 dBFS
G027
0.2
0.5
0.8
1.1
1.4
1.7
2
2.3
76
78
80
82
84
86
88
90
92
94
96
98
100
65
65.5
66
66.5
67
67.5
68
68.5
69
69.5
70
70.5
71
Differential Clock Amplitudes (Vpp)
SFDR
SNR
Input Frequency = 185 MHz
G024
25
30
35
40
45
50
55
60
65
70
75
82
83
84
85
86
87
88
89
90
91
92
67
67.5
68
68.5
69
69.5
70
70.5
71
71.5
72
Input Clock Duty Cycle (%)
SNR
THD
Input Frequency = 185 MHz
G025
ADS4449
www.ti.com
SBAS603 – APRIL 2013
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = 1.9 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, rated sampling frequency, 0-dB gain, sine-wave input clock,
1.5-VPP differential clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, DDR LVDS output interface, and
32k-point FFT, unless otherwise noted.
Figure 30. PERFORMANCE vs CLOCK AMPLITUDE
Figure 31. PERFORMANCE vs CLOCK DUTY CYCLE
Figure 32. COMMON-MODE REJECTION RATIO SPECTRUM
Figure 33. COMMON-MODE REJECTION RATIO vs
TEST SIGNAL FREQUENCY
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com