Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 14Page - Texas Instruments ADS4449 Datasheet HTML 15Page - Texas Instruments ADS4449 Datasheet HTML 16Page - Texas Instruments ADS4449 Datasheet HTML 17Page - Texas Instruments ADS4449 Datasheet HTML 18Page - Texas Instruments ADS4449 Datasheet HTML 19Page - Texas Instruments ADS4449 Datasheet HTML 20Page - Texas Instruments ADS4449 Datasheet HTML 21Page - Texas Instruments ADS4449 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
82
83
84
85
86
87
88
89
90
−40
−15
10
35
60
85
Temperature (°C)
AVDD3V = 3.15 V
AVDD3V = 3.3 V
AVDD3V = 3.45 V
Input Frequency = 185 MHz
G022
68
68.5
69
69.5
70
70.5
71
−40
−15
10
35
60
85
Temperature (°C)
AVDD3V = 3.15 V
AVDD3V = 3.3 V
AVDD3V = 3.45 V
Input Frequency = 185 MHz
G023
82
83
84
85
86
87
88
89
90
−40
−15
10
35
60
85
Temperature (°C)
AVDD = 1.8 V
AVDD = 1.9 V
AVDD = 2 V
Input Frequency = 185 MHz
G020
68
68.5
69
69.5
70
70.5
71
−40
−15
10
35
60
85
Temperature (°C)
AVDD = 1.8 V
AVDD = 1.9 V
AVDD = 2 V
Input Frequency = 185 MHz
G021
ADS4449
SBAS603 – APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = 1.9 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, rated sampling frequency, 0-dB gain, sine-wave input clock,
1.5-VPP differential clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, DDR LVDS output interface, and
32k-point FFT, unless otherwise noted.
Figure 26. SPURIOUS-FREE DYNAMIC RANGE vs
Figure 27. SIGNAL-TO-NOISE RATIO vs
AVDD SUPPLY AND TEMPERATURE
AVDD SUPPLY AND TEMPERATURE
Figure 28. SPURIOUS-FREE DYNAMIC RANGE vs
Figure 29. SIGNAL-TO-NOISE RATIO vs
AVDD3V SUPPLY AND TEMPERATURE
AVDD3V SUPPLY AND TEMPERATURE
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com