Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 24Page - Texas Instruments ADS4449 Datasheet HTML 25Page - Texas Instruments ADS4449 Datasheet HTML 26Page - Texas Instruments ADS4449 Datasheet HTML 27Page - Texas Instruments ADS4449 Datasheet HTML 28Page - Texas Instruments ADS4449 Datasheet HTML 29Page - Texas Instruments ADS4449 Datasheet HTML 30Page - Texas Instruments ADS4449 Datasheet HTML 31Page - Texas Instruments ADS4449 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
ADS4449
SBAS603 – APRIL 2013
www.ti.com
DESCRIPTION OF SERIAL REGISTERS
Register Address 00h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
RESET
READOUT
Bits D[7:2]
Always write '0'
Bit D1
RESET: Software reset applied
This bit resets all internal registers to the default values and self-clears to '0'.
Bit D0
READOUT: Serial readout
This bit sets the serial readout of the registers.
0 = Serial readout of registers disabled; the SDOUT pin is placed in a high-impedance
state. (default)
1 = Serial readout enabled; the SDOUT pin functions as a serial data readout with
CMOS logic levels running from the DRVDD supply.
Register Address 01h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
LVDS SWING
0
0
Bits D[7:2]
LVDS SWING: LVDS swing programmability
These bits program the LVDS swing only after the ENABLE LVDS SWING PROG bits
are set to '11'.
000000 = Default LVDS swing; ±350 mV with an external 100-
Ω termination (default)
011011 = ±420-mV LVDS swing with an external 100-
Ω termination
110010 = ±470-mV LVDS swing with an external 100-
Ω termination
010100 = ±560-mV LVDS swing with an external 100-
Ω termination
001111 = ±160-mV LVDS swing with an external 100-
Ω termination
Bits D[1:0]
Always write '0'
28
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com