Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 31Page - Texas Instruments ADS4449 Datasheet HTML 32Page - Texas Instruments ADS4449 Datasheet HTML 33Page - Texas Instruments ADS4449 Datasheet HTML 34Page - Texas Instruments ADS4449 Datasheet HTML 35Page - Texas Instruments ADS4449 Datasheet HTML 36Page - Texas Instruments ADS4449 Datasheet HTML 37Page - Texas Instruments ADS4449 Datasheet HTML 38Page - Texas Instruments ADS4449 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
ADS4449
www.ti.com
SBAS603 – APRIL 2013
Register Address ACh (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
ALWAYS
0
CLOCKOUT DELAY PROG CH CD
0
0
WRITE 1
Bit D7
Always write '0'
Bits D[7:4]
CLOCKOUT DELAY PROG CH CD
These bits program the clock out delay for channels C and D, as shown in Table 5.
Bits D[2:1]
Always write '0'
Bit D[0]
Always write '1'
This bit is set to 0 by default. User must set it to 1 after reset or power-up.
Table 5. Clock Out Delay Programmability for All Channels
CLOCKOUT DELAY PROG CHxx
DELAY (ps)
0000 (default)
0 (default)
0001
–30
0010
70
0011
30
0100
–150
0101
–180
0110
–70
0111
–110
1000
270
1001
230
1010
340
1011
300
1100
140
1101
110
1110
200
1111
170
Register Address C3h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
FAST OVR THRESH PROG
Bits D[7:0]
FAST OVR THRESH PROG
The ADS4449 has a fast OVR mode that indicates an overload condition at the ADC
input. The input voltage level at which the overload is detected is referred to as the
threshold and is programmable using the FAST OVR THRESH PROG bits.
FAST OVR is triggered seven output clock cycles after the overload condition occurs. To
enable the FAST OVR programmability, enable the EN FAST OVR THRESH register bit.
The threshold at which fast OVR is triggered is (full-scale × [the decimal value of the
FAST OVR THRESH PROG bits] / 255).
After reset, when EN FAST OVR THRESH PROG is set, the default value of the FAST
OVR THRESH PROG bits is 230 (decimal).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com