Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 33Page - Texas Instruments ADS4449 Datasheet HTML 34Page - Texas Instruments ADS4449 Datasheet HTML 35Page - Texas Instruments ADS4449 Datasheet HTML 36Page - Texas Instruments ADS4449 Datasheet HTML 37Page - Texas Instruments ADS4449 Datasheet HTML 38Page - Texas Instruments ADS4449 Datasheet HTML 39Page - Texas Instruments ADS4449 Datasheet HTML 40Page - Texas Instruments ADS4449 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
ADS4449
www.ti.com
SBAS603 – APRIL 2013
Register Address F1h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
HIGH FREQ MODE
0
0
ENABLE LVDS SWING PROG
Bits D[7:6]
Always write '0'
Bit D5
HIGH FREQ MODE
0 = Default (default)
1 = Use for input frequencies > 125 MHz
Bits D[4:3]
Always write '0'
Bits D[2:0]
ENABLE LVDS SWING PROG
This bit enables the LVDS swing control with the LVDS SWING bits.
00 = LVDS swing control disabled (default)
01 = Do not use
10 = Do not use
11 = LVDS swing control enabled
Register Address 58h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
HIGH SNR
0
0
0
0
0
0
0
MODE CH A
Bits D[7:6], Bits
Always write '0'
D[4:0]
Bit D5
HIGH SNR MODE CH A
See the Using High SNR MODE Register Settings section.
Register Address 59h (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
ALWAYS
0
0
0
0
0
0
0
WRITE 1
Bits D[7]
Always write '1'
This bit is set to 0 by default. User must set it to 1 after reset or power-up.
Bits D[6:0]
Always write '0'
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com