Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 5Page - Texas Instruments ADS4449 Datasheet HTML 6Page - Texas Instruments ADS4449 Datasheet HTML 7Page - Texas Instruments ADS4449 Datasheet HTML 8Page - Texas Instruments ADS4449 Datasheet HTML 9Page - Texas Instruments ADS4449 Datasheet HTML 10Page - Texas Instruments ADS4449 Datasheet HTML 11Page - Texas Instruments ADS4449 Datasheet HTML 12Page - Texas Instruments ADS4449 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
CLKOUTABP
CLKOUTABM
DAB[13:0]P,
DAB[13:0]M
DCD[13:0]P,
DCD[13:0]M
CLKOUTCDP
CLKOUTCDM
Sample N
Sample N + 1
Sample N + 2
Sample N
Sample N + 1
Sample N + 2
DA[13:0]P,
DA[13:0]M
DB[13:0]P,
DB[13:0]M
DA[13:0]P,
DA[13:0]M
DB[13:0]P,
DB[13:0]M
DA[13:0]P,
DA[13:0]M
DB[13:0]P,
DB[13:0]M
DC[13:0]P,
DC[13:0]M
DD[13:0]P,
DD[13:0]M
DC[13:0]P,
DC[13:0]M
DD[13:0]P,
DD[13:0]M
DC[13:0]P,
DC[13:0]M
DD[13:0]P,
DD[13:0]M
ADS4449
www.ti.com
SBAS603 – APRIL 2013
PARAMETRIC MEASUREMENT INFORMATION (continued)
All 14 data bits of one channel are included in the digital output interface at the same time, as shown in Figure 5.
Channel A and C data are output on the rising edge of the output clock while channels B and D are output on the
falling edge of the output clock.
Figure 5. LVDS Output Interface Timing
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com