Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 3 Page - Texas Instruments

  ADS4449 Datasheet HTML 1Page - Texas Instruments ADS4449 Datasheet HTML 2Page - Texas Instruments ADS4449 Datasheet HTML 3Page - Texas Instruments ADS4449 Datasheet HTML 4Page - Texas Instruments ADS4449 Datasheet HTML 5Page - Texas Instruments ADS4449 Datasheet HTML 6Page - Texas Instruments ADS4449 Datasheet HTML 7Page - Texas Instruments ADS4449 Datasheet HTML 8Page - Texas Instruments ADS4449 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
ADS4449
www.ti.com
SBAS603 – APRIL 2013
THERMAL INFORMATION
ADS4449
THERMAL METRIC(1)
ZCR (BGA)
UNITS
144 PINS
θJA
Junction-to-ambient thermal resistance
35.9
θJCtop
Junction-to-case (top) thermal resistance
5.1
θJB
Junction-to-board thermal resistance
12.6
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
12.4
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
SPACER
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD33
3.15
3.3
3.45
V
AVDD
Supply voltage
1.8
1.9
2.0
V
DRVDD
1.7
1.8
2.0
V
ANALOG INPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
VCM ± 0.025
V
Analog input common-mode current (per input pin of each channel)
1.5
µA/MSPS
VCM current capability
5
mA
2-VPP input amplitude
(1)
400
MHz
Maximum analog input frequency
1.4-VPP input amplitude
500
MHz
CLOCK INPUTS
Input clock sample rate
184
250
MSPS
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
Input clock amplitude differential
(VCLKP – VCLKM)
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.8
VPP
Input clock duty cycle
40%
50%
60%
DIGITAL OUTPUTS
Maximum external load capacitance from each output pin to DRVSS
CLOAD
3.3
pF
(default strength)
RLOAD
Differential load resistance between the LVDS output pairs (LVDS mode)
100
Ω
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
+85
°C
Recommended
+105
°C
TJ
Operating junction temperature
Maximum rated(2)
+125
°C
(1)
See the Theory of Operation section.
(2)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com