Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 42Page - Texas Instruments ADS4449 Datasheet HTML 43Page - Texas Instruments ADS4449 Datasheet HTML 44Page - Texas Instruments ADS4449 Datasheet HTML 45Page - Texas Instruments ADS4449 Datasheet HTML 46Page - Texas Instruments ADS4449 Datasheet HTML 47Page - Texas Instruments ADS4449 Datasheet HTML 48Page - Texas Instruments ADS4449 Datasheet HTML 49Page - Texas Instruments ADS4449 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
0.1 F
m
0.1 F
m
CLKP
CLKM
150 W
150 W
Typical LVPECL
Clock Input
Z
O
Z
O
100 W
0.1 F
m
0.1 F
m
CLKP
CLKM
CMOS
Clock Input
VCM
0.1 F
m
0.1 F
m
CLKP
CLKM
100 W
Typical LVDS
Clock Input
Z
O
Z
O
CLKP
CLKM
0.1 F
m
0.1 F
m
Differential
Sine-Wave
Clock Input
R
T
ADS4449
SBAS603 – APRIL 2013
www.ti.com
(1) RT is the termination resistor (optional).
Figure 58. LVDS Clock Driving Circuit
Figure 56. Differential Sine-Wave Clock Driving
Circuit
Figure 59. Typical LVCMOS Clock Driving Circuit
Figure 57. LVPECL Clock Driving Circuit
46
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com