Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 2 Page - Texas Instruments

  ADS4449 Datasheet HTML 1Page - Texas Instruments ADS4449 Datasheet HTML 2Page - Texas Instruments ADS4449 Datasheet HTML 3Page - Texas Instruments ADS4449 Datasheet HTML 4Page - Texas Instruments ADS4449 Datasheet HTML 5Page - Texas Instruments ADS4449 Datasheet HTML 6Page - Texas Instruments ADS4449 Datasheet HTML 7Page - Texas Instruments ADS4449 Datasheet HTML 8Page - Texas Instruments ADS4449 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
ADS4449
SBAS603 – APRIL 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE AND ORDERING INFORMATION(1)
PACKAGE
SPECIFIED TEMPERATURE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
ADS4449
BGA-144
ZCR
–40°C to +85°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
AVDD33
–0.3 to +3.6
V
Supply voltage range
AVDD
–0.3 to +2.1
V
DRVDD
–0.3 to +2.1
V
AVSS and DRVSS
–0.3 to +0.3
V
AVDD and DRVDD
–2.4 to +2.4
V
Voltage between
AVDD33 and DRVDD
–2.4 to +3.9
V
AVDD33 and AVDD
–2.4 to +3.9
V
XINP, XINM
–0.3 to minimum (1.9, AVDD + 0.3)
V
Voltage applied to input pins
CLKP, CLKM(2)
–0.3 to minimum (1.9, AVDD + 0.3)
V
RESET, SCLK, SDATA, SEN, PDN
–0.3 to +3.9
V
Operating free-air, TA
–40 to +85
°C
Temperature
Operating junction, TJ
+150
°C
Storage, Tstg
–65 to +150
°C
Electrostatic discharge (ESD)
Human body model (HBM)
2
kV
rating
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
When AVDD is turned off, TI recommends switching off the input clock (or ensuring the voltage on CLKP and CLKM is less than
| 0.3 V |). This recommendation prevents the ESD protection diodes at the clock input pins from turning on.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com