Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 26Page - Texas Instruments ADS4449 Datasheet HTML 27Page - Texas Instruments ADS4449 Datasheet HTML 28Page - Texas Instruments ADS4449 Datasheet HTML 29Page - Texas Instruments ADS4449 Datasheet HTML 30Page - Texas Instruments ADS4449 Datasheet HTML 31Page - Texas Instruments ADS4449 Datasheet HTML 32Page - Texas Instruments ADS4449 Datasheet HTML 33Page - Texas Instruments ADS4449 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
ADS4449
SBAS603 – APRIL 2013
www.ti.com
Register Address 2Bh (Default = 00h)
D7
D6
D5
D4
D3
D2
D1
D0
DIGITAL GAIN CH A
DIGITAL GAIN BYPASS CH A
TEST PATTERN CH A
Bits D[7:4]
DIGITAL GAIN CH A: Channel A digital gain programmability
These bits set the digital gain programmability from 0 dB to 6 dB in 0.5-dB steps for
channel A. Set the DIGITAL ENABLE bit to '1' beforehand to enable this feature.
0000 = 0-dB gain (default)
0001 = 0.5-dB gain
0010 = 1-dB gain
0011 = 1.5-dB gain
0100 = 2-dB gain
0101 = 2.5-dB gain
0110 = 3-dB gain
0111 = 3.5-dB gain
1000 = 4-dB gain
1001 = 4.5-dB gain
1010 = 5-dB gain
1011 = 5.5-dB gain
1100 = 6-dB gain
Bit D3
DIGITAL GAIN BYPASS CH A: Channel A digital gain bypass
0 = Normal operation (default)
1 = Digital gain feature for channel A is bypassed
Bits D[2:0]
TEST PATTERN CH A: Channel A test pattern programmability
These bits program the test pattern for channel A.
000 = Normal operation (default)
001 = Outputs all 0s
010 = Outputs all 1s
011 = Outputs toggle pattern
Output data ([D:0]) are an alternating sequence of 01010101010101 and
10101010101010.
100 = Outputs digital ramp
Output data increments by one 14-bit LSB every clock cycle from code 0 to code
16383
101 = Outputs custom pattern
To program a test pattern, use the CUSTOM PATTERN D[13:0] bits of registers 3Fh
and 40h.
110 = Unused
111 = Unused
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com