Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 21Page - Texas Instruments ADS4449 Datasheet HTML 22Page - Texas Instruments ADS4449 Datasheet HTML 23Page - Texas Instruments ADS4449 Datasheet HTML 24Page - Texas Instruments ADS4449 Datasheet HTML 25Page - Texas Instruments ADS4449 Datasheet HTML 26Page - Texas Instruments ADS4449 Datasheet HTML 27Page - Texas Instruments ADS4449 Datasheet HTML 28Page - Texas Instruments ADS4449 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SDATA
SCLK
t
SCLK
t
DSU
t
DH
SEN
t
SLOADS
t
SLOADH
RESET
Register Address
Register Data
ADS4449
www.ti.com
SBAS603 – APRIL 2013
DEVICE CONFIGURATION
The ADS4449 can be configured with a serial programming interface (SPI), as described in the Serial Interface
section. In addition, the device has control pins that control power-down.
SERIAL INTERFACE
The device has a set of internal registers that can be accessed by the serial interface formed by the SEN (serial
interface enable), SCLK (serial interface clock), SDATA (serial interface input data), and SDOUT (serial interface
readback data) pins. Serially shifting bits into the device is enabled when SEN is low. Serial data (SDATA) are
latched at every SCLK falling edge when SEN is active (low). Serial data are loaded into the register at every
16th SCLK falling edge when SEN is low. When the word length exceeds a multiple of 16 bits, the excess bits
are ignored. Data can be loaded in multiples of 16-bit words within a single active SEN pulse. The first eight bits
form the register address and the remaining eight bits are the register data. The interface can function with SCLK
frequencies from 20 MHz down to very low speeds (of a few hertz) and also with a non-50% SCLK duty cycle.
Register Initialization
After power-up, the internal registers must be initialized to the default values. This initialization can be
accomplished in one of two ways:
1. Either through a hardware reset by applying a high pulse on the RESET pin (of widths greater than 10 ns),
as shown in Figure 42; or
2. By applying a software reset. When using the serial interface, set the RESET bit (D1 in register 00h) high.
This setting initializes the internal registers to the default values and then self-resets the RESET bit low. In
this case, the RESET pin is kept low.
Figure 42. Serial Interface Timing
Table 3. Timing Characteristics for Figure 42
PARAMETER
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency (equal to 1 / tSCLK)
> dc
20
MHz
tSLOADS
SEN to SCLK setup time
25
ns
tSLOADH
SCLK to SEN hold time
25
ns
tDSU
SDI setup time
25
ns
tDH
SDI hold time
25
ns
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com