Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 13Page - Texas Instruments ADS4449 Datasheet HTML 14Page - Texas Instruments ADS4449 Datasheet HTML 15Page - Texas Instruments ADS4449 Datasheet HTML 16Page - Texas Instruments ADS4449 Datasheet HTML 17Page - Texas Instruments ADS4449 Datasheet HTML 18Page - Texas Instruments ADS4449 Datasheet HTML 19Page - Texas Instruments ADS4449 Datasheet HTML 20Page - Texas Instruments ADS4449 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
83
84
85
86
87
88
89
90
−40
−15
10
35
60
85
Temperature (°C)
DRVDD = 1.7 V
DRVDD = 1.8 V
DRVDD = 1.9 V
DRVDD = 2 V
Input Frequency = 185 MHz
G018
68
68.5
69
69.5
70
70.5
71
−40
−15
10
35
60
85
Temperature (°C)
DRVDD = 1.7 V
DRVDD = 1.8 V
DRVDD = 1.9 V
DRVDD = 2 V
Input Frequency = 185 MHz
G019
−50
−40
−30
−20
−10
0
20
30
40
50
60
70
80
90
100
110
120
69
69.5
70
70.5
71
71.5
72
72.5
73
73.5
74
Amplitude (dBFS)
SFDR (dBc)
SFDR (dBFS)
SNR
Input Frequency = 185 MHz
G016
0.7
0.8
0.9
1
1.1
1.2
1.3
78
80
82
84
86
88
90
92
94
68
68.5
69
69.5
70
70.5
71
71.5
72
Input Common−Mode Voltage (V)
SFDR
SNR
Input Frequency = 185 MHz
G017
ADS4449
www.ti.com
SBAS603 – APRIL 2013
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = 1.9 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, rated sampling frequency, 0-dB gain, sine-wave input clock,
1.5-VPP differential clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, DDR LVDS output interface, and
32k-point FFT, unless otherwise noted.
Figure 22. PERFORMANCE vs INPUT AMPLITUDE
Figure 23. PERFORMANCE vs
INPUT COMMON-MODE VOLTAGE
Figure 24. SPURIOUS-FREE DYNAMIC RANGE vs
Figure 25. SIGNAL-TO-NOISE RATIO vs
DRVDD SUPPLY AND TEMPERATURE
DRVDD SUPPLY AND TEMPERATURE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com