Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 12Page - Texas Instruments ADS4449 Datasheet HTML 13Page - Texas Instruments ADS4449 Datasheet HTML 14Page - Texas Instruments ADS4449 Datasheet HTML 15Page - Texas Instruments ADS4449 Datasheet HTML 16Page - Texas Instruments ADS4449 Datasheet HTML 17Page - Texas Instruments ADS4449 Datasheet HTML 18Page - Texas Instruments ADS4449 Datasheet HTML 19Page - Texas Instruments ADS4449 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
62
63
64
65
66
67
68
69
70
71
72
73
74
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Digital Gain (dB)
40 MHz
100 MHz
130 MHz
170 MHz
230 MHz
300 MHz
350 MHz
400 MHz
450 MHz
G014
−70
−60
−50
−40
−30
−20
−10
0
70
70.5
71
71.5
72
72.5
73
73.5
74
74.5
75
75.5
20
30
40
50
60
70
80
90
100
110
120
130
Amplitude (dBFS)
SNR(dBFS)
SFDR(dBc)
SFDR(dBFS)
Input Frequency = 70 MHz
G015
65
66
67
68
69
70
71
72
40
80
120
160
200
240
280
320
360
400
Input Frequency (MHz)
G012
64
68
72
76
80
84
88
92
96
100
104
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Digital Gain (dB)
40 MHz
100 MHz
130 MHz
170 MHz
230 MHz
300 MHz
350 MHz
400 MHz
450 MHz
G013
ADS4449
SBAS603 – APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = 1.9 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, rated sampling frequency, 0-dB gain, sine-wave input clock,
1.5-VPP differential clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, DDR LVDS output interface, and
32k-point FFT, unless otherwise noted.
Figure 18. SIGNAL-TO-NOISE RATIO vs INPUT FREQUENCY
Figure 19. SPURIOUS-FREE DYNAMIC RANGE
vs DIGITAL GAIN
Figure 20. SIGNAL-TO-NOISE RATIO vs DIGITAL GAIN
Figure 21. PERFORMANCE vs INPUT AMPLITUDE
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com