Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 10Page - Texas Instruments ADS4449 Datasheet HTML 11Page - Texas Instruments ADS4449 Datasheet HTML 12Page - Texas Instruments ADS4449 Datasheet HTML 13Page - Texas Instruments ADS4449 Datasheet HTML 14Page - Texas Instruments ADS4449 Datasheet HTML 15Page - Texas Instruments ADS4449 Datasheet HTML 16Page - Texas Instruments ADS4449 Datasheet HTML 17Page - Texas Instruments ADS4449 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
Each Tone at
−7 dBFS Amplitude
fIN1 = 45 MHz
fIN2 = 50 MHz
2−Tone IMD = 87 dBFS
SFDR = 92 dBFS
G007
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
Each Tone at
−36 dBFS Amplitude
fIN1 = 45 MHz
fIN2 = 50 MHz
2−Tone IMD = 99 dBFS
SFDR = 99 dBFS
G008
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
FIN = 170 MHz
SFDR = 89 dBc
SNR = 69 dBFS
SINAD = 68.9 dBFS
THD = 85 dBc
G005
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
FIN = 230 MHz
SFDR = 86 dBc
SNR = 68.6 dBFS
SINAD = 68.5 dBFS
THD = 84 dBc
G006
ADS4449
SBAS603 – APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = 1.9 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, rated sampling frequency, 0-dB gain, sine-wave input clock,
1.5-VPP differential clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, DDR LVDS output interface, and
32k-point FFT, unless otherwise noted.
Figure 10. FFT FOR 170-MHz INPUT SIGNAL
Figure 11. FFT FOR 230-MHz INPUT SIGNAL
Figure 12. FFT FOR TWO-TONE INPUT SIGNAL
Figure 13. FFT FOR TWO-TONE INPUT SIGNAL
(–7 dBFS)
(–36 dBFS)
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com