Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4449 Datasheet(HTML) 1 Page - Texas Instruments

  ADS4449 Datasheet HTML 1Page - Texas Instruments ADS4449 Datasheet HTML 2Page - Texas Instruments ADS4449 Datasheet HTML 3Page - Texas Instruments ADS4449 Datasheet HTML 4Page - Texas Instruments ADS4449 Datasheet HTML 5Page - Texas Instruments ADS4449 Datasheet HTML 6Page - Texas Instruments ADS4449 Datasheet HTML 7Page - Texas Instruments ADS4449 Datasheet HTML 8Page - Texas Instruments ADS4449 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
DAB0P, DAB0M or
OVRABP, OVRABM
CLKINP,
CLKINM
AINP,
AINM
Common
Mode
VCM
CLKOUTABP,
CLKOUTABM
DAB[13:1]P,
DAB[13:1]M
14
BINP,
BINM
CINP,
CINM
DINP,
DINM
Configuration Registers
CLKOUTCDP,
CLKOUTCDM
DCD[13:1]P,
DCD[13:1]M
14
Digital
Block
DCD0P, DCD0M or
OVRCDP, OVRCDM
Output
Formatter
DDR
LVDS
14-Bit
ADC
14-Bit
ADC
14-Bit
ADC
14-Bit
ADC
Digital
Block
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
FIN = 170 MHz
SFDR = 89 dBc
SNR = 69 dBFS
SINAD = 68.9 dBFS
THD = 85 dBc
G005
ADS4449
www.ti.com
SBAS603 – APRIL 2013
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
Check for Samples: ADS4449
1
FEATURES
DESCRIPTION
The ADS4449 is a high-linearity, quad-channel, 14-
2
•
Quad Channel
bit, 250-MSPS, analog-to-digital converter (ADC).
•
14-Bit Resolution
The four ADC channels are separated into two blocks
•
Maximum Sampling Data Rate: 250 MSPS
with two ADCs each. Designed for low power
consumption and high spurious-free dynamic range
•
Power Dissipation:
(SFDR), the device has low-noise performance and
–
365 mW per Channel
outstanding SFDR over a large input frequency
•
Spectral Performance at 170-MHz IF (typ):
range.
–
SNR: 69 dBFS
–
SFDR: 86 dBc
•
DDR LVDS Digital Output Interface
•
Package: 144-Pin BGA (10-mm × 10-mm)
APPLICATIONS
•
Multi-Carrier GSM Cellular Infrastructure Base
Stations
•
RADAR and Smart Antenna Arrays
•
Multi-Carrier Multi-Mode Cellular Infrastructure
Base Stations
•
Active Antenna Arrays for Wireless
Infrastructures
•
Communications Test Equipment
Figure 1. Spectrum For 170-MHz Input Frequency
Figure 2. Basic Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS4449

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449IZCR TI1-ADS4449IZCR Datasheet
2Mb / 56P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449IZCRR TI1-ADS4449IZCRR Datasheet
2Mb / 56P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449IZCRT TI1-ADS4449IZCRT Datasheet
2Mb / 56P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results

Similar Description - ADS4449

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
Quad Channel 14-Bit 500 MSPS ADC
logo
Linear Technology
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
14-Bit, 80Msps Low Power Quad ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com