Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 19Page - Advanced Micro Devices AM79C972 Datasheet HTML 20Page - Advanced Micro Devices AM79C972 Datasheet HTML 21Page - Advanced Micro Devices AM79C972 Datasheet HTML 22Page - Advanced Micro Devices AM79C972 Datasheet HTML 23Page - Advanced Micro Devices AM79C972 Datasheet HTML 24Page - Advanced Micro Devices AM79C972 Datasheet HTML 25Page - Advanced Micro Devices AM79C972 Datasheet HTML 26Page - Advanced Micro Devices AM79C972 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
Am79C972
23
General Purpose Serial Interface
CLSN
Collision
Input
CLSN is an input that indicates a collision has occurred
on the network.
Note: The CLSN pin is multiplexed with the COL pin.
RXCLK
Receive Clock
Input
RXCLK is an input. The rising edges of the RXCLK sig-
nal are used to sample the data on the RXDAT input
whenever the RXEN input is HIGH.
Note: The RXCLK pin is multiplexed with the RX_CLK
pin.
RXDAT
Receive Data
Input
RXDAT is an input. The rising edges of the RXCLK sig-
nal are used to sample the data on the RXDAT input
whenever the RXEN input is HIGH.
Note: The RXDAT pin is multiplexed with the RX_ER
pin.
RXEN
Receive Enable
Input
RXEN is an input. When this signal is HIGH, it indicates
to the core logic that the data on the RXDAT input pin
is valid.
Note: The RXEN pin is multiplexed with the CRS pin.
TXCLK
Transmit Clock
Input
TXCLK is an input that provides a clock signal for MAC
activity, both transmit and receive. The rising edges of
the TXCLK can be used to validate TXDAT output data.
Note: The TXCLK pin is multiplexed with the TX_CLK
pin.
TXDAT
Transmit Data
Output
TXDAT is an output that provides the serial bit stream
for transmission, including preamble, SFD, data, and
FCS field, if applicable.
Note: The TXDAT pin is multiplexed with the TXD[0]
pin.
TXEN
Transmit Enable
Output
TXEN is an output that provides an enable signal for
transmission. Data on the TXDAT pin is not valid unless
the TXEN signal is HIGH.
Note: The TXEN pin is multiplexed with the TX_EN
pin.
External Address Detection Interface
EAR
External Address Reject Low
Input
The incoming frame will be checked against the inter-
nally active address detection mechanisms and the re-
sult of this check will be OR’d with the value on the EAR
pin. The EAR pin is defined as REJECT. The pin value
is OR’d with the internal address detection result to de-
termine if the current frame should be accepted or re-
jected.
The EAR pin must not be left unconnected, it should
be tied to VDD through a 10-k
Ω
±5% resistor.
When RST is active, EAR is an input for NAND tree
testing.
SFBD
Start Frame-Byte Delimiter
Output
For the GPSI port during External Address Detec-
tion:
An initial rising edge on the SFBD signal indicates that
a start of frame delimiter has been detected. The serial
bit stream will follow on the SRD signal, commencing
with the destination address field. SFBD will go high for
4 bit times (400 ns when operating at 10 Mbps) after
detecting the second “1” in the SFD (Start of Frame De-
limiter) of a received frame. SFBD will subsequently
toggle every 4 bit times (1.25 MHz frequency when op-
erating at 10 Mbps) with each rising edge indicating the
first bit of each subsequent byte of the received serial
bit stream.
For the External PHY attached to the Media Inde-
pendent Interface during External Address Detec-
tion:
An initial rising edge on the SFBD signal indicates that
a start of valid data is present on the RXD[3:0] pins.
SFBD will go high for one nibble time (400 ns when op-
erating at 10 Mbps and 40 ns when operating at 100
Mbps) one RX_CLK period after RX_DV has been as-
serted and RX_ER is deasserted and the detection of
the SFD (Start of Frame Delimiter) of a received frame.
Data on the RXD[3:0] will be the start of the destination
address field. SFBD will subsequently toggle every nib-
ble time (1.25 MHz frequency when operating at 10
Mbps and 12.5 MHz frequency when operating at 100
Mbps) indicating the first nibble of each subsequent
byte of the received nibble stream. The RX_CLK
should be used in conjunction with the SFBD to latch
the correct data for external address matching. SFBD
will be active only during frame reception.
Note: The SFBD pin is multiplexed with the EESK and
LED1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com