Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 20Page - Advanced Micro Devices AM79C972 Datasheet HTML 21Page - Advanced Micro Devices AM79C972 Datasheet HTML 22Page - Advanced Micro Devices AM79C972 Datasheet HTML 23Page - Advanced Micro Devices AM79C972 Datasheet HTML 24Page - Advanced Micro Devices AM79C972 Datasheet HTML 25Page - Advanced Micro Devices AM79C972 Datasheet HTML 26Page - Advanced Micro Devices AM79C972 Datasheet HTML 27Page - Advanced Micro Devices AM79C972 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
24
Am79C972
SRD
Serial Receive Data
Input/Output
SRD is the decoded NRZ data from the network when
in GPSI mode. This signal can be used for external ad-
dress detection.
Note: When the MII port is selected, SRD will not gen-
erate transitions and receive data must be derived from
the Media Independent Interface RXD[3:0] pins.
Note also that the SRD pin is multiplexed with the
MIIRXFRTGD, EEDO, and LED3 pins.
SRDCLK
Serial Receive Data Clock
Output
Serial Receive Data is synchronous with reference to
SRDCLK.
Note: When the MII port is selected, SRDCLK will not
generate transitions and the receive clock must be de-
rived from the MII RX_CLK pin.
Note also that the SRDCLK pin is multiplexed with the
MIIRXFRTGE and LED2 pins.
RXFRTGD
Receive Frame Tag Data
Input
When the EADI is enabled (EADISEL, BCR2, bit 3), the
Receive Frame Tagging is enabled (RXFRTG, CSR7,
bit 14), and the MII is not selected, the RXFRTGD pin
becomes a data input pin for the Receive Frame Tag.
See the Receive Frame Tagging section for details.
Note: The RXFRTGD pin is multiplexed with the
RXD[0] pin.
RXFRTGE
Receive Frame Tag Enable
Input
When the EADI is enabled (EADISEL, BCR2, bit 3), the
Receive Frame Tagging is enabled (RXFRTG, CSR7,
bit 14), and the MII is not selected, the RXFRTGE pin
becomes a data input enable pin for the Receive Frame
Tag. See the Receive Frame Tagging section for de-
tails.
Note: The RXFRTGE pin is multiplexed with the
RX_DV pin.
MIIRXFRTGD
MII Receive Frame Tag Enable
Input
When the EADI is enabled (EADISEL, BCR2, bit 3), the
Receive Frame Tagging is enabled (RXFRTG, CSR7,
bit 14), and the MII is selected, the MIIRXFRTGD pin
becomes a data input pin for the Receive Frame Tag.
See the Receive Frame Tagging section for details.
Note: The MIIRXFRTGD pin is multiplexed with the
SRD, EEDO, and LED3 pins.
MIIRXFRTGE
MII Receive Frame Tag Enable
Input
When the EADI is enabled (EADISEL, BCR2, bit 3), the
Receive Frame Tagging is enabled (RXFRTG, CSR7,
bit 14), and the MII is selected, the MIIRXFRTGE pin
becomes a data input enable pin for the Receive Frame
Tag. See the Receive Frame Tagging section for de-
tails.
Note: The MIIRXFRTGE pin is multiplexed with the
SRDCLK and LED2 pins.
IEEE 1149.1 (1990) Test Access Port
Interface
TCK
Test Clock
Input
TCK is the clock input for the boundary scan test mode
operation. It can operate at a frequency of up to 10
MHz. TCK has an internal pull up resistor.
TDI
Test Data In
Input
TDI is the test data input path to the Am79C972 con-
troller. The pin has an internal pull up resistor.
TDO
Test Data Out
Output
TDO is the test data output path from the Am79C972
controller. The pin is tri-stated when the JTAG port is in-
active.
TMS
Test Mode Select
Input
A serial input bit stream on the TMS pin is used to de-
fine the specific boundary scan test to be executed.
The pin has an internal pull up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com