Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 70Page - Advanced Micro Devices AM79C972 Datasheet HTML 71Page - Advanced Micro Devices AM79C972 Datasheet HTML 72Page - Advanced Micro Devices AM79C972 Datasheet HTML 73Page - Advanced Micro Devices AM79C972 Datasheet HTML 74Page - Advanced Micro Devices AM79C972 Datasheet HTML 75Page - Advanced Micro Devices AM79C972 Datasheet HTML 76Page - Advanced Micro Devices AM79C972 Datasheet HTML 77Page - Advanced Micro Devices AM79C972 Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
74
Am79C972
AS_EBOE
is
driven
high
for
one-half
clock,
EBUA_EBA[7:0] are driven with the upper 8 bits of the
Expansion ROM address for one more clock cycle after
AS_EBOE goes low. Next, the Am79C972 controller
starts driving the lower 8 bits of the Expansion ROM
address on EBUA_EBA[7:0].
The time that the Am79C972 controller waits for data to
be valid is programmable. ROMTMG (BCR18, bits 15-
12) defines the time from when the Am79C972 control-
ler drives EBUA_EBA[7:0] with the lower 8 bits of the
Expansion ROM address to when the Am79C972 con-
troller latches in the data on the EBD[7:0] inputs. The
register value specifies the time in number of clock cy-
cles. When ROMTMG is set to nine (the default value),
EBD[7:0] is sampled with the next rising edge of CLK
ten clock cycles after EBUA_EBA[7:0] was driven with
a new address value. The clock edge that is used to
sample the data is also the clock edge that generates
the next Expansion ROM address. All four bytes of Ex-
pansion ROM data are stored in holding registers. One
clock cycle after the last data byte is available, the
Am79C972 controller asserts TRDY.
Figure 39.
Flash Configuration for the Expansion Bus
The access time for the Expansion ROM or the EB-
DATA (BCR30) device (tACC) during read operations
can be calculated by subtracting the clock to output
delay for the EBUA_EBA[7:0] outputs (tv_A_D) and by
subtracting the input to clock setup time for the
EBD[7:0] inputs (ts_D) from the time defined by
ROMTMG:
tACC = ROMTMG * CLK period *CLK_FAC - (tv_A_D) -
(ts_D)
The access time for the Expansion ROM or for the EB-
DATA (BCR30) device (tACC) during write operations
can be calculated by subtracting the clock to output
delay for the EBUA EBA[7:0] outputs (tv_A_D) and by
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EBWE
AS_/EBOE
A[15:8]
A[7:0]
DQ[7:0]
OE
CS
Am79C972
’374
D-FF
FLASH
EROMCS
A[23:16]
WE
21485C-42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com