Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 64Page - Advanced Micro Devices AM79C972 Datasheet HTML 65Page - Advanced Micro Devices AM79C972 Datasheet HTML 66Page - Advanced Micro Devices AM79C972 Datasheet HTML 67Page - Advanced Micro Devices AM79C972 Datasheet HTML 68Page - Advanced Micro Devices AM79C972 Datasheet HTML 69Page - Advanced Micro Devices AM79C972 Datasheet HTML 70Page - Advanced Micro Devices AM79C972 Datasheet HTML 71Page - Advanced Micro Devices AM79C972 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 130 page
background image
68
Am79C972
conditions are currently treated as NULL events. Cer-
tain in band non-IEEE 802.3u-compliant flow control
sequences may cause erratic behavior for the
Am79C972 controller. Consult the switch/bridge/router/
hub manual to disable the in-band flow control se-
quences if they are being used.
MII Network Status Interface
The MII also provides signals that are consistent and
necessary for IEEE 802.3 and IEEE 802.3u operation.
These signals are CRS (Carrier Sense) and COL (Col-
lision Sense). Carrier Sense is used to detect non-idle
activity on the network. Collision Sense is used to indi-
cate that simultaneous transmission has occurred in a
half-duplex network.
MII Management Interface
The MII provides a two-wire management interface so
that the Am79C972 controller can control and receive
status from external PHY devices.
The Am79C972 controller can support up to 31 exter-
nal PHYs attached to the MII Management Interface
with software support and only one such device without
software support.
The Network Port Manager copies the PHYAD after the
Am79C972 controller reads the EEPROM and uses it
to communicate with the external PHY. The PHY ad-
dress must be programmed into the EEPROM prior to
starting the Am79C972 controller. This is necessary so
that the internal management controller can work au-
tonomously from the software driver and can always
know where to ac cess the exter n al PHY. T h e
Am79C972 controller is unique by offering direct hard-
ware support of the external PHY device without soft-
ware support. The PHY address of 1Fh is reserved and
should not be used. To access the 31 external PHYs,
the software driver must have knowledge of the exter-
nal PHY’s address when multiple PHYs are present be-
fore attempting to address it.
The MII Management Interface uses the MII Control,
Address, and Data registers (BCR32, 33, 34) to control
a nd co mm un ica t e t o t he ex t e r n a l PHYs. T h e
Am79C972 controller generates MII management
frames to the external PHY through the MDIO pin syn-
chronous to the rising edge of the Management Data
Clock (MDC) based on a combination of writes and
reads to these registers.
MII Management Frames
MII management frames are automatically generated
by the Am79C972 controller and conform to the MII
clause in the IEEE 802.3u standard.
The start of the frame is a preamble of 32 ones and
guarantees that all of the external PHYs are synchro-
nized on the same interface. (See Figure 36.) Loss of
synchronization is possible due to the hot-plugging ca-
pability of the exposed MII.
The IEEE 802.3 specification allows you to drop the
preamble, if after reading the MII Status Register from
the external PHY you can determine that the external
PHY will support Preamble Suppression (BCR34, bit
6). After having a valid MII Status Register read, the
Am79C972 controller will then drop the creation of the
preamble stream until a reset occurs, receives a read
error, or the external PHY is disconnected.
Figure 36.
Frame Format at the MII Interface Connection
This is followed by a start field (ST) and an operation
field (OP). The operation field (OP) indicates whether
the Am79C972 controller is initiating a read or write op-
eration. This is followed by the external PHY address
(PHYAD) and the register address (REGAD) pro-
grammed in BCR33. The PHY address of 1Fh is re-
served and should not be used. The external PHY may
have a larger address space starting at 10h - 1Fh. This
is the address range set aside by the IEEE as vendor
usable address space and will vary from vendor to ven-
dor. This field is followed by a bus turnaround field. Dur-
ing a read operation, the bus turnaround field is used to
determine if the external PHY is responding correctly to
the read request or not. The Am79C972 controller will
tri-state the MDIO for both MDC cycles.
During the second cycle, if the external PHY is syn-
chronized to the Am79C972 controller, the external
PHY will drive a 0. If the external PHY does not drive a
0, the Am79C972 controller will signal a MREINT
(CSR7, bit 9) interrupt, if MREINTE (CSR7, bit 8) is set
Preamble
1111....1111
OP
10 Rd
01 Wr
PHY
Address
Register
Address
TA
Z0 Rd
10 Wr
Data
2
Bits
5
Bits
5
Bits
2
Bits
32
Bits
ST
01
2
Bits
16
Bits
1
Bit
Idle
Z
21485C-39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com