Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 57Page - Advanced Micro Devices AM79C972 Datasheet HTML 58Page - Advanced Micro Devices AM79C972 Datasheet HTML 59Page - Advanced Micro Devices AM79C972 Datasheet HTML 60Page - Advanced Micro Devices AM79C972 Datasheet HTML 61Page - Advanced Micro Devices AM79C972 Datasheet HTML 62Page - Advanced Micro Devices AM79C972 Datasheet HTML 63Page - Advanced Micro Devices AM79C972 Datasheet HTML 64Page - Advanced Micro Devices AM79C972 Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
Am79C972
61
padding feature. The pad is placed between the LLC
data field and FCS field in the IEEE 802.3 frame. FCS
is always added if the frame is padded, regardless of
the state of DXMTFCS (CSR15, bit 3) or ADD_FCS
(TMD1, bit 29). The transmit frame will be padded by
bytes with the value of 00H. The default value of
APAD_XMT is 0, which will disable automatic pad gen-
eration after H_RESET.
It is the responsibility of upper layer software to cor-
rectly define the actual length field contained in the
message to correspond to the total number of LLC
Data bytes encapsulated in the frame (length field as
defined in the ISO 8802-3 (IEEE/ANSI 802.3) stan-
dard). The length value contained in the message is not
used by the Am79C972 controller to compute the ac-
tual num ber of pad byte s to be inser t ed . Th e
Am79C972 controller will append pad bytes dependent
on the actual number of bits transmitted onto the net-
work. Once the last data byte of the frame has com-
pleted, prior to appending the FCS, the Am79C972
controller will check to ensure that 544 bits have been
transmitted. If not, pad bytes are added to extend the
frame size to this value, and the FCS is then added.
See Figure 33.
.
Figure 33.
ISO 8802-3 (IEEE/ANSI 802.3) Data Frame
The 544 bit count is derived from the following:
Minimum frame size (excluding preamble/SFD,
including FCS)
64 bytes
512 bits
Preamble/SFD size 8 bytes
64 bits
FCS size
4 bytes
32 bits
At the point that FCS is to be appended, the transmitted
frame should contain:
Preamble/SFD + (Min Frame Size - FCS)
64 + (512-32) = 544 bits
A minimum length transmit frame from the Am79C972
controller, therefore, will be 576 bits, after the FCS is
appended.
Transmit FCS Generation
Automatic generation and transmission of FCS for a
transmit frame depends on the value of DXMTFCS
(CSR15, bit 3). If DXMTFCS is cleared to 0, the trans-
mitter will generate and append the FCS to the trans-
mitted frame. If the automatic padding feature is
invoked (APAD_XMT is set in CSR4), the FCS will be
appended to frames shorter than 64 bytes by the
Am79C972 controller regardless of the state of DXMT-
FCS or ADD_FCS (TMD1, bit 29). Note that the calcu-
lated FCS is transmitted most significant bit first. The
default value of DXMTFCS is 0 after H_RESET.
ADD_FCS (TMD1, bit 29) allows the automatic gener-
ation and transmission of FCS on a frame-by-frame
basis. DXMTFCS should be set to 1 in this mode. To
generate FCS for a frame, ADD_FCS must be set in all
descriptors of a frame (STP is set to 1). Note that bit 29
of TMD1 has the function of ADD_FCS if SWSTYLE
(BCR20, bits 7-0) is programmed to 0, 2, or 3.
Transmit Exception Conditions
Exception conditions for frame transmission fall into
two distinct categories: those conditions which are the
result of normal network operation, and those which
occur due to abnormal network and/or host related
events.
Normal events which may occur and which are handled
autonomously by the Am79C972 controller include col-
lisions within the slot time with automatic retry. The
Am79C972 controller will ensure that collisions which
occur within 512 bit times from the start of transmission
(including preamble) will be automatically retried with
no host intervention. The transmit FIFO ensures this by
guaranteeing that data contained within the FIFO will
not be overwritten until at least 64 bytes (512 bits) of
preamble plus address, length, and data fields have
been transmitted onto the network without encounter-
ing a collision. Note that if DRTY (CSR15, bit 5) is set
to 1 or if the network interface is operating in full-duplex
mode, no collision handling is required, and any byte of
Preamble
1010....1010
SFD
10101011
Destination
Address
Source
Address
Length
LLC
Data
Pad
FCS
4
Bytes
46 — 1500
Bytes
2
Bytes
6
Bytes
6
Bytes
8
Bits
56
Bits
21485C-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com