Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 8Page - Advanced Micro Devices AM79C972 Datasheet HTML 9Page - Advanced Micro Devices AM79C972 Datasheet HTML 10Page - Advanced Micro Devices AM79C972 Datasheet HTML 11Page - Advanced Micro Devices AM79C972 Datasheet HTML 12Page - Advanced Micro Devices AM79C972 Datasheet HTML 13Page - Advanced Micro Devices AM79C972 Datasheet HTML 14Page - Advanced Micro Devices AM79C972 Datasheet HTML 15Page - Advanced Micro Devices AM79C972 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
12
Am79C972
PIN DESIGNATIONS (PQR160, PQL176)
Listed By Group
Note: 1. Not including test features.
Pin Name
Pin Function
Type1
No. of Pins
PCI Bus Interface
AD[31:0]
Address/Data Bus
IO
32
C/BE[3:0]
Bus Command/Byte Enable
IO
4
CLK
Bus Clock
I
1
DEVSEL
Device Select
IO
1
FRAME
Cycle Frame
IO
1
GNT
Bus Grant
I
1
IDSEL
Initialization Device Select
I
1
INTA
Interrupt
O
1
IRDY
Initiator Ready
IO
1
PAR
Parity
IO
1
PERR
Parity Error
IO
1
REQ
Bus Request
O
1
RST
Reset
I
1
SERR
System Error
IO
1
STOP
Stop
IO
1
TRDY
Target Ready
IO
1
Board Interface
LED0
LED0
O
1
LED1
LED1
O
1
LED2
LED2
O
1
LED3
LED3
O
1
TBC_IN
Test Pin
I
1
TBC_EN
Test Pin
I
1
PHY_RST
Reset to PHY
O
1
EEPROM Interface
EECS
Serial EEPROM Chip Select
O
1
EEDI
Serial EEPROM Data In
O
1
EEDO
Serial EEPROM Data Out
I
1
EESK
Serial EEPROM Clock
IO
1
Expansion ROM Interface
AS_EBOE
Address Strobe/Expansion Bus Output Enable
O
1
EBCLK
Expansion Bus Clock
I
1
EBD[7:0]
Expansion Bus Data [7:0]
IO
8
EBDA[15:8]
Expansion Bus Data/Address [15:8]
IO
8
EBUA_EBA[7:0]
Expansion Bus Upper Address /Expansion Bus Address [7:0]
O
8
EBWE
Expansion Bus Write Enable
O
1
EROMCS
Expansion Bus ROM Chip Select
O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com