Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 65Page - Advanced Micro Devices AM79C972 Datasheet HTML 66Page - Advanced Micro Devices AM79C972 Datasheet HTML 67Page - Advanced Micro Devices AM79C972 Datasheet HTML 68Page - Advanced Micro Devices AM79C972 Datasheet HTML 69Page - Advanced Micro Devices AM79C972 Datasheet HTML 70Page - Advanced Micro Devices AM79C972 Datasheet HTML 71Page - Advanced Micro Devices AM79C972 Datasheet HTML 72Page - Advanced Micro Devices AM79C972 Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 130 page
background image
Am79C972
69
to a 1, indicating the Am79C972 controller had an MII
management frame read error and that the data in
BCR34 is not valid. The data field to/from the external
PHY is read or written into the BCR34 register. The last
field is an IDLE field that is necessary to give ample
time for drivers to turn off before the next access. The
Am79C972 controller will drive the MDC to 0 and tri-
state the MDIO anytime the MII Management Port is
not active.
To help to speed up the reading and writing of the MII
management frames to the external PHY, the MDC can
be sped up to 10 MHz by setting the FMDC bits in
BCR32. The IEEE 802.3 specification requires use of
the 2.5-MHz clock rate, but 5 MHz and 10 MHz are
available for the user. The intended applications are
that the 10-MHz clock rate can be used for a single ex-
ternal PHY on an adapter card or motherboard. The 5-
MHz clock rate can be used for an exposed MII with
one external PHY attached. The 2.5-MHz clock rate is
intended to be used when multiple external PHYs are
connected to the MII Management Port or if compli-
ance to the IEEE 802.3u standard is required.
Auto-Poll External PHY Status Polling
As defined in the IEEE 802.3 standard, the external
PHY attached to the Am79C972 controller’s MII has no
way of communicating important timely status informa-
tion back to Am79C972 controller. The Am79C972
controller has no way of knowing that an external PHY
has undergone a change in status without polling the
MII status register. To prevent problems from occurring
with i nadequate hos t or s o ftwar e pol ling, the
Am79C972 controller will Auto-Poll when APEP
(BCR32, bit 11) is set to 1 to insure that the most cur-
rent information is available. See Appendix C, MII
Management Registers, for the bit descriptions of the
MII Status Register. The contents of the latest read
from the external PHY will be stored in a shadow regis-
ter in the Auto-Poll block. The first read of the MII Status
Register will just be stored, but subsequent reads will
be compared to the contents already stored in the
shadow register. If there has been a change in the con-
tents of the MII Status Register, a MAPINT (CSR7, bit
7) interrupt will be generated on INTA if the MAPINTE
(CSR7, bit 6) is set to 1. The Auto-Poll features can be
disabled if software driver polling is required.
The Auto-Poll’s frequency of generating MII manage-
ment frames can be adjusted by setting of the APDW
bits (BCR32, bits 10-8). The delay can be adjusted
from 0 MDC periods to 2048 MDC periods. Auto-Poll by
default will only read the MII Status register in the ex-
ternal PHY.
Network Port Manager
The Am79C972 controller is unique in that it does not
require software intervention to control and configure
an external PHY attached to the MII. This was done to
ensure backwards compatibility with existing software
drivers. To the current software drivers, the Am79C972
controller will look and act like the PCnet-PCI II and will
interoperate with existing PCnet drivers from revision
2.5 upward. The heart of this system is the Network
Port Manager.
If the external PHY is present and is active, the Net-
work Port Manager will request status from the external
PHY by generating MII management frames. These
frames will be sent roughly every 900 ms. These
frames are necessary so that the Network Port Man-
ager can monitor the current active link and can select
a different network port if the current link goes down.
Auto-Negotiation
Through the external PHY, the following capabilities are
possible: 100BASE-T4, 100BASE-TX Full-/Half-Du-
plex, and 10BASE-T Full-/Half-Duplex. The capabilities
are then sent to a link partner that will also send its ca-
pabilities. Both sides look to see what is possible and
then they will connect at the greatest possible speed
and capability as defined in the IEEE 802.3u standard
and according to Table 7.
By default, the link partner must be at least 10BASE-T
half-duplex capable. The Am79C972 controller can au-
tomatically negotiate with the network and yield the
highest performance possible without software sup-
port. See the section on Network Port Manager for
more details.
Auto-Negotiation goes further by providing a message-
based communication scheme called, Next Pages, be-
fore connecting to the Link Partner. This feature is not
supported in Am79C972 unless the DANAS (BCR32,
bit 10) is selected and the software driver is capable of
controlling the external PHY. A complete bit description
of the MII and Auto-Negotiation registers can be found
in Appendix C.
Automatic Network Port Selection
If ASEL (BCR2, bit 0) is set to 1 and DANAS (BCR 32,
bit 7) is set to 0, then the Network Port Manager will
start to configure the external PHY if it detects the ex-
ternal PHY on the MII Interface.
Table 7.
Auto-Negotiation Capabilities
Network Speed
Physical Network Type
200 Mbps
100BASE-X, Full Duplex
100 Mbps
100BASE-T4, Half Duplex
100 Mbps
100BASE-X, Half Duplex
20 Mbps
10BASE-T, Full Duplex
10 Mbps
10BASE-T, Half Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com