Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 33Page - Advanced Micro Devices AM79C972 Datasheet HTML 34Page - Advanced Micro Devices AM79C972 Datasheet HTML 35Page - Advanced Micro Devices AM79C972 Datasheet HTML 36Page - Advanced Micro Devices AM79C972 Datasheet HTML 37Page - Advanced Micro Devices AM79C972 Datasheet HTML 38Page - Advanced Micro Devices AM79C972 Datasheet HTML 39Page - Advanced Micro Devices AM79C972 Datasheet HTML 40Page - Advanced Micro Devices AM79C972 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
Am79C972
37
Figure 15 shows a typical burst write access. The
Am79C972 controller arbitrates for the bus, is granted
access, and writes four 32-bit words (DWords) to the
system memory and then releases the bus. In this ex-
ample, the memory system extends the data phase of
the first access by one wait state. The following three
data phases take one clock cycle each, which is deter-
mined by the timing of TRDY. The example assumes
that EXTREQ (BCR18, bit 8) is set to 1, therefore, REQ
is not deasserted until the next to last data phase is fin-
ished.
Target Initiated Termination
When the Am79C972 controller is a bus master, the cy-
cles it produces on the PCI bus may be terminated by
the target in one of three different ways: disconnect
with data transfer, disconnect without data transfer, and
target abort.
Disconnect With Data Transfer
Figure 16 shows a disconnection in which one last data
transfer occurs after the target asserted STOP. STOP
is asserted on clock 4 to start the termination se-
quence. Data is still transferred during this cycle, since
both IRDY and TRDY are asserted. The Am79C972
controller terminates the current transfer with the deas-
sertion of FRAME on clock 5 and of IRDY one clock
later. It finally releases the bus on clock 7. The
Am79C972 controller will again request the bus after
two clock cycles, if it wants to transfer more data. The
starting address of the new transfer will be the address
of the next non-transferred data.
Figure 15.
Burst Write Transfer (EXTREQ = 1)
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
2345678
ADDR
DATA
DATA
DATA
BE
0111
9
PAR
PAR
PAR
PAR
PAR
DATA
PAR
DEVSEL is sampled
21485C-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com