Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 71Page - Advanced Micro Devices AM79C972 Datasheet HTML 72Page - Advanced Micro Devices AM79C972 Datasheet HTML 73Page - Advanced Micro Devices AM79C972 Datasheet HTML 74Page - Advanced Micro Devices AM79C972 Datasheet HTML 75Page - Advanced Micro Devices AM79C972 Datasheet HTML 76Page - Advanced Micro Devices AM79C972 Datasheet HTML 77Page - Advanced Micro Devices AM79C972 Datasheet HTML 78Page - Advanced Micro Devices AM79C972 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
Am79C972
75
adding the input to clock setup time for Flash/EPRO in-
puts (ts_D) from the time defined by ROMTMG:
tACC = ROMTMG * CLK period * CLK_FAC - (tv_A_D) -
(ts_D)
The timing diagram in Figure 42 assumes the default
programming of ROMTMG (1001b = 9 CLK). After
reading the first byte, the Am79C972 controller reads in
three more bytes by incrementing the lower portion of
the ROM address. After the last byte is strobed in,
TRDY will be asserted on clock 50. When the host tries
to perform a burst read of the Expansion ROM, the
Am79C972 controller will disconnect the access at the
second data phase.
The host must program the Expansion ROM Base Ad-
dress register in the PCI configuration space before the
first access to the Expansion ROM. The Am79C972
controller will not react to any access to the Expansion
ROM until both MEMEN (PCI Command register, bit 1)
and ROMEN (PCI Expansion ROM Base Address reg-
ister, bit 0) are set to 1. After the Expansion ROM is
enabled, the Am79C972 controller will claim all memory
read accesses with an address between ROMBASE
and ROMBASE + 1M - 4 (ROMBASE, PCI Expansion
ROM Base Address register, bits 31-20). The address
output to the Expansion ROM is the offset from the ad-
dress on the PCI bus to ROMBASE. The Am79C972
controller aliases all accesses to the Expansion ROM
of the command types Memory Read Multiple and Mem-
ory Read Line to the basic Memory Read command.
Figure 40.
EPROM Only Configuration for the Expansion Bus (64K EPROM)
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EBWE
EROMCS
A[15:8]
A[7:0]
DQ[7:0]
OE
CS
Am79C972
EPROM
AS_EBOE
21485C-43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com