Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 34Page - Advanced Micro Devices AM79C972 Datasheet HTML 35Page - Advanced Micro Devices AM79C972 Datasheet HTML 36Page - Advanced Micro Devices AM79C972 Datasheet HTML 37Page - Advanced Micro Devices AM79C972 Datasheet HTML 38Page - Advanced Micro Devices AM79C972 Datasheet HTML 39Page - Advanced Micro Devices AM79C972 Datasheet HTML 40Page - Advanced Micro Devices AM79C972 Datasheet HTML 41Page - Advanced Micro Devices AM79C972 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 130 page
background image
38
Am79C972
Figure 16.
Disconnect With Data Transfer
Disconnect Without Data Transfer
Figure 17 shows a target disconnect sequence during
which no data is transferred. STOP is asserted on clock
4 without TRDY being asserted at the same time. The
Am79C972 controller terminates the access with the
deassertion of FRAME on clock 5 and of IRDY one
clock cycle later. It finally releases the bus on clock 7.
The Am79C972 controller will again request the bus
after two clock cycles to retry the last transfer. The
starting address of the new transfer will be the address
of the last non-transferred data.
Target Abort
Figure 18 shows a target abort sequence. The target
asserts DEVSEL for one clock. It then deasserts
DEVSEL and asserts STOP on clock 4. A target can
use the target abort sequence to indicate that it can-
not service the data transfer and that it does not want
the transa ctio n to be retr ied. Ad ditio nally, the
Am79C972 controller cannot make any assumption
about the success of the previous data transfers in the
current transaction. The Am79C972 controller termi-
nates the current transfer with the deassertion of
FRAME on clock 5 and of IRDY one clock cycle later.
It finally releases the bus on clock 6.
Since data integrity is not guaranteed, the Am79C972
controller cannot recover from a target abort event. The
Am79C972 controller will reset all CSR locations to
their STOP_RESET values. The BCR and PCI config-
uration registers will not be cleared. Any on-going net-
wo r k tran sm ission is te r minat ed in an orde r ly
sequence. If less than 512 bits have been transmitted
onto the network, the transmission will be terminated
immediately, generating a runt packet. If 512 bits or
more have been transmitted, the message will have the
current FCS inverted and appended at the next byte
boundary to guarantee an FCS error is detected at the
receiving station.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
ADDRi
0000
0111
PAR
0111
2
3456789
11
10
PAR
DATA
STOP
ADDRi+8
DATA
1
21485C-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com