Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C972 Datasheet HTML 1Page - Advanced Micro Devices AM79C972 Datasheet HTML 2Page - Advanced Micro Devices AM79C972 Datasheet HTML 3Page - Advanced Micro Devices AM79C972 Datasheet HTML 4Page - Advanced Micro Devices AM79C972 Datasheet HTML 5Page - Advanced Micro Devices AM79C972 Datasheet HTML 6Page - Advanced Micro Devices AM79C972 Datasheet HTML 7Page - Advanced Micro Devices AM79C972 Datasheet HTML 8Page - Advanced Micro Devices AM79C972 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
Publication# 21485
Rev: D Amendment/0
Issue Date: December 1999
Refer to AMD’s Website (www.amd.com) for the latest information.
Am79C972
PCnet™-FAST+
Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
DISTINCTIVE CHARACTERISTICS
n Integrated Fast Ethernet controller for the
Peripheral Component Interconnect (PCI) bus
— 32-bit glueless PCI host interface
— Supports PCI clock frequency from DC to
33 MHz independent of network clock
— Supports network operation with PCI clock
from 15 MHz to 33 MHz
— High performance bus mastering
architecture with integrated Direct Memory
Access (DMA) Buffer Management Unit for
low CPU and bus utilization
— PCI specification revision 2.1 compliant
— Supports PCI Subsystem/Subvendor ID/
Vendor ID programming through the
EEPROM interface
— Supports both PCI 3.3-V and 5.0-V signaling
environments
— Plug and Play compatible
— Supports an unlimited PCI burst length
— Big endian and little endian byte alignments
supported
— Implements optional PCI power management
event (PME) pin
n Media Independent Interface (MII) for
connecting external 10/100 megabit per second
(Mbps) transceivers
— IEEE 802.3-compliant MII
— Intelligent Auto-Poll™ external PHY status
monitor and interrupt
— Supports both auto-negotiable and non
auto-negotiable external PHYs
— Supports 10BASE-T, 100BASE-TX/FX,
100BASE-T4, and 100BASE-T2 IEEE 802.3-
compliant MII PHYs at full- or half-duplex
n Supports General Purpose Serial Interface
(GPSI) with receive frame tagging support for
internetworking applications
n Full-duplex operation supported in MII and GPSI
ports with independent Transmit (TX) and
Receive (RX) channels
n Supports PC97, PC98, and Net PC requirements
— Implements full OnNow features including
pattern matching and link status wake-up
— Implements Magic Packet mode
— Magic Packet mode and the physical address
loaded from EEPROM at power up without
requiring PCI clock
— Supports PCI Bus Power Management
Interface Specification Version 1.0
— Supports Advanced Configuration and
Power Interface (ACPI) Specification
Version 1.0
— Supports Network Device Class Power
Management Specification Version 1.0
n Large independent internal TX and RX FIFOs
— Programmable FIFO watermarks for both
transmit and receive operations
— Receive frame queuing for high latency PCI
bus host operation
— Programmable allocation of buffer space
between transmit and receive queues
n Dual-speed CSMA/CD (10 Mbps and 100 Mbps)
Media Access Controller (MAC) compliant with
IEEE/ANSI 802.3 and Blue Book Ethernet
standards
n EEPROM interface supports jumperless design
and provides through-chip programming
— Supports full programmability of half-/full-
duplex operation for external 10/100 Mbps
PHYs through EEPROM mapping
— Programmable PHY reset output pin capable
of resetting external PHY without needing
buffering
n Integrated oscillator circuit eliminates need for
external crystal
n Extensive programmable LED status support
n Support for operation in industrial temperature
range (-40°C to +85°C)


Similar Part No. - AM79C972

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
Pulse A Technitrol Comp...
AM79C970 PULSE-AM79C970 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKC AMD-AM79C970AKC Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKCW AMD-AM79C970AKCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
More results

Similar Description - AM79C972

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
Rev. 2.2
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
PCnet-PRO??10/100 Mbps PCI Ethernet Controller
logo
SMSC Corporation
LAN83C171 SMSC-LAN83C171 Datasheet
348Kb / 90P
EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
logo
STMicroelectronics
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
PCI 10/100 Ethernet controller with integrated PHY (3.3V)
28-Feb-2007
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Davicom Semiconductor, ...
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
SMSC Corporation
LAN9215 SMSC-LAN9215_12 Datasheet
2Mb / 144P
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com