Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM79C972 Datasheet HTML 1Page - Advanced Micro Devices AM79C972 Datasheet HTML 2Page - Advanced Micro Devices AM79C972 Datasheet HTML 3Page - Advanced Micro Devices AM79C972 Datasheet HTML 4Page - Advanced Micro Devices AM79C972 Datasheet HTML 5Page - Advanced Micro Devices AM79C972 Datasheet HTML 6Page - Advanced Micro Devices AM79C972 Datasheet HTML 7Page - Advanced Micro Devices AM79C972 Datasheet HTML 8Page - Advanced Micro Devices AM79C972 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 130 page
background image
Am79C972
3
PC net -ISA I I ™ ( A m7 9C9 61A) , PCne t- 32 ™
( A m7 9C9 65) ,
PCne t- PC I ™
( A m 79C 970) ,
PCnet-PCI II™ (Am79C970A), and the PCnet-FAST™
(Am79C971). The Buffer Management Unit supports
the LANCE and PCnet descriptor software models.
The Am79C972 PCnet-FAST+ controller supports
auto-configuration in the PCI configuration space.
Additional Am79C972 controller configuration parame-
ters, including the unique IEEE physical address, can
be re ad from an exter n al nonvolatile memor y
(EEPROM) immediately following system reset.
In addition, the device provides programmable on-chip
LED drivers for transmit, receive, collision, link integrity,
Magic Packet status, activity, address match, full-du-
plex, or 100 Mbps status. The Am79C972 controller
also provides an EADI to allow external hardware ad-
dress filtering in internetworking applications and a re-
ceive frame tagging feature.
The Am79C972 PCnet-FAST+ controller contains
12-kilobyte (Kbyte) buffers, the largest of its class of 10/
100 Mbps Ethernet controllers. The large internal
buffer is programmable between the transmit (TX) and
receive (RX) queues for optimal performance.
With the rise of embedded networking applications op-
erating in harsh environments where temperatures
may exceed the normal commercial temperature win-
dow (0°C to 70°C), an industrial temperature (-40°C to
+85°C) version is available in both the 160-pin PQFP
and the 176-pin TQFP package. The Am79C972
PCnet-FAST+ 10/100 Mbps Ethernet controller can be
designed with the industrial temperature capable
Am79C874 NetPHY-1LP 10/100 Mbps Ethernet PHY
for a complete and robust Fast Ethernet solution that
can withstand extreme temperature environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com