Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 90Page - Advanced Micro Devices AM79C972 Datasheet HTML 91Page - Advanced Micro Devices AM79C972 Datasheet HTML 92Page - Advanced Micro Devices AM79C972 Datasheet HTML 93Page - Advanced Micro Devices AM79C972 Datasheet HTML 94Page - Advanced Micro Devices AM79C972 Datasheet HTML 95Page - Advanced Micro Devices AM79C972 Datasheet HTML 96Page - Advanced Micro Devices AM79C972 Datasheet HTML 97Page - Advanced Micro Devices AM79C972 Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 130 page
background image
94
Am79C972
Table 20.
Legal I/O Accesses in Double Word I/O
Mode (DWIO =1)
Table 18.
Legal I/O Accesses in Word I/O Mode (DWIO = 0)
AD[4:0]
BE[3:0]
Type
Comment
0XX00
1110
RD
Byte read of APROM location 0h, 4h, 8h or Ch
0XX01
1101
RD
Byte read of APROM location 1h, 5h, 9h or Dh
0XX10
1011
RD
Byte read of APROM location 2h, 6h, Ah or Eh
0XX11
0111
RD
Byte read of APROM location 3h, 7h, Bh or Fh
0XX00
1100
RD
Word read of APROM locations 1h (MSB) and 0h (LSB), 5h and 4h, 8h and 9h or
Ch and Dh
0XX10
0011
RD
Word read of APROM locations 3h (MSB) and 2h (LSB), 7h and 6h, Bh and Ah or
Fh and Eh
10000
1100
RD
Word read of RDP
10010
0011
RD
Word read of RAP
10100
1100
RD
Word read of Reset Register
10110
0011
RD
Word read of BDP
0XX00
1100
WR
Word write to APROM locations 1h (MSB) and 0h (LSB), 5h and 4h, 8h and 9h or
Ch and Dh
0XX10
0011
WR
Word write to APROM locations 3h (MSB) and 2h (LSB), 7h and 6h, Bh and Ah or
Fh and Eh
10000
1100
WR
Word write to RDP
10010
0011
WR
Word write to RAP
10100
1100
WR
Word write to Reset Register
10110
0011
WR
Word write to BDP
10000
0000
WR
DWord write to RDP,
switches device to DWord I/O mode
Table 19.
I/O Map In DWord I/O Mode (DWIO = 1)
Offset
No. of Bytes
Register
00h - 0Fh
16
APROM
10h
4
RDP
14h
4
RAP (shared by RDP and
BDP)
18h
4
Reset Register
1Ch
4
BDP
AD[4:0]
BE[3:0]
Type
Comment
0XX00
0000
RD
DWord read of APROM
locations 3h (MSB) to 0h
(LSB),
7h to 4h, Bh to 8h or Fh to
Ch
10000
0000
RD
DWord read of RDP
10100
0000
RD
DWord read of RAP
11000
0000
RD
DWord read of Reset
Register
0XX00
0000
WR
DWord write to APROM
locations 3h (MSB) to 0h
(LSB),
7h to 4h, Bh to 8h or Fh to
Ch
10000
0000
WR
DWord write to RDP
10100
0000
WR
DWord write to RAP
11000
0000
WR
DWord write to Reset
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com