Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 74Page - Advanced Micro Devices AM79C972 Datasheet HTML 75Page - Advanced Micro Devices AM79C972 Datasheet HTML 76Page - Advanced Micro Devices AM79C972 Datasheet HTML 77Page - Advanced Micro Devices AM79C972 Datasheet HTML 78Page - Advanced Micro Devices AM79C972 Datasheet HTML 79Page - Advanced Micro Devices AM79C972 Datasheet HTML 80Page - Advanced Micro Devices AM79C972 Datasheet HTML 81Page - Advanced Micro Devices AM79C972 Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 130 page
background image
78
Am79C972
Figure 44.
Flash Write from Expansion Bus Data Port
AMD Flash Programming
AMD’s Flash products are programmed on a byte-by-
byte basis. Programming is a four bus cycle operation.
There are two “unlock” write cycles. These are followed
by the program set-up command and data write cycles.
Addresses are latched on the falling edge of EBWE
and the data is latched on the rising edge of EBWE.
The rising edge of EBWE begins programming.
Upon executing the AMD Flash Embedded Program
Algorithm command sequence, the Am79C972 con-
troller is not required to provide further controls or tim-
ing. The AMD Flash product will compliment EBD[7]
during a read of the programmed location until the pro-
gramming is complete. The host software should poll
the programmed address until EBD[7] matches the
programmed value.
AMD Flash byte programming is allowed in any se-
quence and across sector boundaries. Note that a data
0 cannot be programmed back to a 1. Only erase oper-
ations can convert zeros to ones. AMD Flash chip
erase is a six-bus cycle operation. There are two unlock
write cycles, followed by writing the set-up command.
Two more unlock cycles are then followed by the chip
erase command. Chip erase does not require the user
to program the device prior to erasure. Upon executing
the AMD Flash Embedded Erase Algorithm command
sequence, the Flash device will program and verify the
entire memory for an all zero data pattern prior to elec-
trical erase. The Am79C972 controller is not required
to provide any controls or timings during these opera-
tions. The automatic erase begins on the rising edge of
the last EBWE pulse in the command sequence and
terminates when the data on EBD[7] is 1, at which time
the Flash device returns to the read mode. Polling by
the Am79C972 controller is not required during the
erase sequence. The following FLASH programming-
table excerpt (Table 9) shows the command sequence
for byte programming and sector/chip erasure on an
AMD Flash device. In the following table, PA and PD
stand for programmed address and programmed data,
and SA stands for sector address.
The Am79C972 controller will support only a single
sector erase per command and not concurrent sector
erasures. The Am79C972 controller will support most
FLASH devices as long as there is no timing require-
ment between the completion of commands. The
FLASH access time cannot be guaranteed with the
Am79 C9 72 controller access me chanism. The
Am79C972 controller will also support only Flash de-
vices that do not require data hold times after write op-
erations.
EBUA_EBA[7:0]
EBD[7:0]
AS_EBOE
EROMCS
EBUA[19:16]
EBDA[15:8]
EBDA[15:8]
EBA[7:0]
CLK
1
2
3
4
5
6
7
8
9
10
11
12
13
EBWE
21485C-47
Table 9.
Am29Fxxx Flash Command
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Write Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Byte Program
4
5555h
AAh
2AAAh
55H
5555h
A0h
PA
PD
Chip Erase
6
5555h
AAh
2AAAh
55H
5555h
80h
5555h
AAh
2AAAh
55h
5555h
10h
Sector Erase
6
5555h
AAh
2AAAh
55H
5555h
80h
5555h
AAh
2AAAh
55h
SA
3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com