Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 21Page - Advanced Micro Devices AM79C972 Datasheet HTML 22Page - Advanced Micro Devices AM79C972 Datasheet HTML 23Page - Advanced Micro Devices AM79C972 Datasheet HTML 24Page - Advanced Micro Devices AM79C972 Datasheet HTML 25Page - Advanced Micro Devices AM79C972 Datasheet HTML 26Page - Advanced Micro Devices AM79C972 Datasheet HTML 27Page - Advanced Micro Devices AM79C972 Datasheet HTML 28Page - Advanced Micro Devices AM79C972 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 130 page
background image
Am79C972
25
Power Supply Pins
VDDB
I/O Buffer Power (7 Pins)
Power
There are seven power supply pins that are used by the
input/output buffer drivers. All VDDB pins must be con-
nected to a +3.3 V supply.
VDD_PCI
PCI I/O Buffer Power (9 Pins)
Power
There are nine power supply pins that are used by the
PCI input/output buffer drivers (except PME driver). All
VDD_PCI pins must be connected to a +3.3 V supply.
VSSB
I/O Buffer Ground (17 Pins)
Power
There are 17 ground pins that are used by the input/
output buffer drivers.
VDD
Digital Power (6 Pins)
Power
There are six power supply pins that are used by the in-
ternal digital circuitry. All VDD pins must be connected
to a +3.3 V supply.
VSS
Digital Ground (8 Pins)
Power
There are eight ground pins that are used by the inter-
nal digital circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com