Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 79Page - Advanced Micro Devices AM79C972 Datasheet HTML 80Page - Advanced Micro Devices AM79C972 Datasheet HTML 81Page - Advanced Micro Devices AM79C972 Datasheet HTML 82Page - Advanced Micro Devices AM79C972 Datasheet HTML 83Page - Advanced Micro Devices AM79C972 Datasheet HTML 84Page - Advanced Micro Devices AM79C972 Datasheet HTML 85Page - Advanced Micro Devices AM79C972 Datasheet HTML 86Page - Advanced Micro Devices AM79C972 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 130 page
background image
Am79C972
83
Table 10.
EEPROM Map
The LED pins can be configured to operate in either
open-drain mode (active low) or in totem-pole mode
(active high). The output can be stretched to allow the
human eye to recognize even short events that last only
several microseconds. After H_RESET, the four LED
outputs are configured as shown in Table 11.
Word
Address
Byte
Address
Most Significant Byte
Byte
Address
Least Significant Byte
00h*
01h
2nd byte of the ISO 8802-3 (IEEE/ANSI 802.3)
station physical address for this node.
00h
First byte of the ISO 8802-3 (IEEE/ANSI
802.3) station physical address for this
node, where “first byte” refers to the first
byte to appear on the 802.3 medium.
01h
03h
4th byte of the node address
02h
3rd byte of the node address
02h
05h
6th byte of the node address
04h
5th byte of the node address
03h
07h
CSR116[15:8] (OnNow Misc. Config.)
06h
CSR116[7:0] (OnNow Misc. Config.)
04h
09h
Hardware ID; must be 11h if compatibility to
AMD drivers is desired
08h
Reserved location: must be 00h
05h
0Bh
User programmable space
0Ah
User programmable space
06h
0Dh
MSB of two-byte checksum, which is the sum
of bytes 00h-0Bh and bytes 0Eh and 0Fh
0Ch
LSB of two-byte checksum, which is the
sum of bytes 00h-0Bh and bytes 0Eh and
0Fh
07h
0Fh
Must be ASCII “W” (57h) if compatibility to
AMD driver software is desired
0Eh
Must be ASCII “W” (57h) if compatibility to
AMD driver software is desired
08h
11h
BCR2[15:8] (Miscellaneous Configuration)
10h
BCR2[7:0] (Miscellaneous Configuration)
09h
13h
BCR4[15:8] (Link Status LED)
12h
BCR4[7:0] (Link Status LED)
0Ah
15h
BCR5[15:8] (LED1 Status)
14h
BCR5[7:0] (LED1 Status)
0Bh
17h
BCR6[15:8] (LED2 Status)
16h
BCR6[7:0] (LED2 Status)
0Ch
19h
BCR7[15:8] (LED3 Status)
18h
BCR7[7:0] (LED3 Status)
0Dh
1Bh
BCR9[15:8] (Full-Duplex Control)
1Ah
BCR9[7:0] (Full-Duplex Control)
0Eh
1Dh
BCR18[15:8] (Burst and Bus Control)
1Ch
BCR18[7:0] (Burst and Bus Control)
0Fh
1Fh
BCR22[15:8] (PCI Latency)
1Eh
BCR22[7:0] (PCI Latency)
10h
21h
BCR23[15:8] (PCI Subsystem Vendor ID)
20h
BCR23[7:0] (PCI Subsystem Vendor ID)
11h
23h
BCR24[15:8] (PCI Subsystem ID)
22h
BCR24[7:0] (PCI Subsystem ID)
12h
25h
BCR25[15:8] (SRAM Size)
24h
BCR25[7:0] (SRAM Size)
13h
27h
BCR26[15:8] (SRAM Boundary)
26h
BCR26[7:0] (SRAM Boundary)
14h
29h
BCR27[15:8] (SRAM Interface Control)
28h
BCR27[7:0] (SRAM Interface Control)
15h
2Bh
BCR32[15:8] (MII Control and Status)
2Ah
BCR32[7:0] (MII Control and Status)
16h
2Dh
BCR33[15:8] (MII Address)
2Ch
BCR33[7:0] (MII Address)
17h
2Fh
BCR35[15:8] (PCI Vendor ID)
2Eh
BCR35[7:0] (PCI Vendor ID)
18h
31h
BCR36[15:8] (Conf. Space byte 43h alias)
30h
BCR36[7:0] (Conf. Space byte 42h alias)
19h
33h
BCR37[15:8] (DATA_SCALE alias 0)
32h
BCR37[7:0] (Conf. Space byte 47h 0 alias)
1Ah
35h
BCR38[15:8] (DATA_SCALE alias 1)
34h
BCR38[7:0] (Conf. Space. byte 47h 1 alias)
1Bh
75h
BCR39[15:8] (DATA_SCALE alias 2)
36h
BCR39[7:0] (Conf. Space. byte 47h 2 alias)
1Ch
39h
BCR40[15:8] (DATA_SCALE alias 3)
38h
BCR40[7:0] (Conf. Space. byte 47h 3 alias)
1Dh
3Bh
BCR41[15:8] (DATA_SCALE alias 4)
3Ah
BCR41[7:0] (Conf. Space. byte 47h 4 alias)
1Eh
3Dh
BCR42[15:8] (DATA_SCALE alias 0)
3Ch
BCR42[7:0] (Conf. Space. byte 47h 5 alias)
1Fh
3Fh
BCR43[15:8] (DATA_SCALE alias 0)
3Eh
BCR43[7:0] (Conf. Space. byte 47h 6 alias)
20h
41h
BCR44[15:8] (DATA_SCALE alias 0)
40h
BCR44[7:0] (Conf. Space. byte 47h 7 alias)
21h
43h
Checksum adjust byte for the 68 bytes of the
EEPROM contents. Checksum of the 68 bytes
of the EEPROM should total FFh.
42h
Reserved location: must be 00h
Unused locations - Ignored by device
3Fh
7Fh
Reserved
7Eh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com