Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 80Page - Advanced Micro Devices AM79C972 Datasheet HTML 81Page - Advanced Micro Devices AM79C972 Datasheet HTML 82Page - Advanced Micro Devices AM79C972 Datasheet HTML 83Page - Advanced Micro Devices AM79C972 Datasheet HTML 84Page - Advanced Micro Devices AM79C972 Datasheet HTML 85Page - Advanced Micro Devices AM79C972 Datasheet HTML 86Page - Advanced Micro Devices AM79C972 Datasheet HTML 87Page - Advanced Micro Devices AM79C972 Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
84
Am79C972
Table 11.
LED Default Configuration
For each LED register, each of the status signals is
AND’d with its enable signal, and these signals are all
OR’d together to form a combined status signal. Each
LED pin combined status signal can be programmed to
run to a pulse stretcher, which consists of a 3-bit shift
register clocked at 38 Hz (26 ms). The data input of
each shift register is normally at logic 0. The OR gate
output for each LED register asynchronously sets all
three bits of its shift register when the output becomes
asserted. The inverted output of each shift register is
used to control an LED pin. Thus, the pulse stretcher
provides 2 to 3 clocks of stretched LED output, or 52
ms to 78 ms. See Figure 47.
Power Savings Mode
Power Management Support
PCnet-FAST+ supports power management as defined
in the PCI Bus Power Management Interface Specifica-
tion V1.0 and Network Device Class Power Manage-
me nt R e f e r e n c e Specif icatio n V1. 0 .T he s e
specifications define the network device power states,
PCI power management interface including the Capa-
bilities Data Structure and power management regis-
ters block definitions, power management events, and
On Now netwo r k Wa ke -up events. In addition,
PCnet-FAST+ supports legacy power management
schemes, such as Remote Wake-Up (RWU) mode.
When the system is in RWU mode, PCI bus power is
on, the PCI clock may be slowed down or stopped, and
the wake-up output pin may drive the CPU's System
Management Interrupt (SMI) line.
Figure 47.
LED Control Logic
The general scheme for the PCnet-FAST+ power man-
agement is that when a PCI Wake-up event is detected,
a signal is generated to cause hardware external to the
PCnet-FAST+ device to put the computer into the work-
ing (S0) mode.
The PCnet-FAST+ device supports three types of
wake-up events:
1. Magic Packet Detect
2. OnNow Pattern Match Detect
3. Link State Change
Figure 48 shows the relationship between these Wake-
up events and the various outputs used to signal to the
external hardware.
Note: The OnNOW Pattern Match and Link State
Change only work on the MII interface.
OnNow Wake-Up Sequence
The system software enables the PME pin by setting
the PME_EN bit in the PMCSR register (PCI configura-
tion registers, offset 44h, bit 8) to 1. When a Wake-up
event is detected, the PCnet-FAST+ device sets the
PME_STATUS bit in the PMCSR register (PCI configu-
ration registers, offset 44h, bit 15). Setting this bit
causes the PME signal to be asserted. Assertion of the
PME signal causes external hardware to wake up the
CPU. The system software then reads the PMCSR reg-
ister of every PCI device in the system to determine
which device asserted the PME signal.
LED
Output
Indication
Driver Mode
Pulse Stretch
LED0
Link Status
Open Drain -
Active Low
Enabled
LED1
Receive
Status
Open Drain -
Active Low
Enabled
LED2
--
Open Drain -
Active Low
Enabled
LED3
Transmit
Status
Open Drain -
Active Low
Enabled
COL
COLE
FDLS
FDLSE
LNKS
LNKSE
RCV
RCVE
RCVM
RCVME
XMT
XMTE
To
Pulse
Stretcher
_SPEED_SEL
100E
MPS
MPSE
21485C-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com