Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 67Page - Advanced Micro Devices AM79C972 Datasheet HTML 68Page - Advanced Micro Devices AM79C972 Datasheet HTML 69Page - Advanced Micro Devices AM79C972 Datasheet HTML 70Page - Advanced Micro Devices AM79C972 Datasheet HTML 71Page - Advanced Micro Devices AM79C972 Datasheet HTML 72Page - Advanced Micro Devices AM79C972 Datasheet HTML 73Page - Advanced Micro Devices AM79C972 Datasheet HTML 74Page - Advanced Micro Devices AM79C972 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 130 page
background image
Am79C972
71
bit is 0. After the RESET bit is cleared, then the normal
flow continues.
External Address Detection Interface
The EADI is provided to allow external address filtering
and to provide a Receive Frame Tag word for propri-
etary routing information. It is selected by setting the
EADISEL bit in BCR2 to 1. This feature is typically uti-
lized by terminal servers, bridges and/or router prod-
ucts. The EADI interface can be used in conjunction
with external logic to capture the packet destination ad-
dress from the serial bit stream as it arrives at the
Am79C972 controller, to compare the captured ad-
dress with a table of stored addresses or identifiers,
and then to determine whether or not the Am79C972
controller should accept the packet.
External Address Detection Interface: GPSI Port
The EADI interface outputs are delivered directly from
the NRZ decoded data and clock recovered by the ex-
ternal PHY. This allows the external address detection
to be performed in parallel with frame reception and ad-
dress comparison in the MAC Station Address Detec-
tion (SAD) block of the Am79C972 controller.
SRDCLK is provided to allow clocking of the receive bit
stream into the external address detection logic. Once
a received frame commences and data and clock are
available, the EADI logic will monitor the alternating
(“1,0”) preamble pattern until the two 1s of the Start
Frame Delimiter (SFD, 10101011 bit pattern) are de-
tected, at which point the SFBD output will be driven
HIGH.
The SFBD signal will initially be LOW. The assertion of
SFBD is a signal to the external address detection logic
that the SFD has been detected and that subsequent
SRDCLK cycles will deliver packet data to the external
logic. Therefore, when SFBD is asserted, the external
address matching logic should begin de-serialization of
the SRD data and send the resulting destination ad-
dress to a Content Addressable Memory (CAM) or
other address detection device. In order to reduce the
amount of logic external to the Am79C972 controller for
multiple address decoding systems, the SFBD signal
will toggle at each new byte boundary within the
packet, subsequent to the SFD. This eliminates the
need for externally supplying byte framing logic.
SRD is the decoded NRZ data from the network. This
signal can be used for external address detection.
The EAR pin should be driven LOW by the external ad-
dress comparison logic to reject a frame.
If an address match is detected by comparison with ei-
ther the Physical Address or Logical Address Filter reg-
isters contained within the Am79C972 controller or the
frame is of the type 'Broadcast', then the frame will be
accepted regardless of the condition of EAR. When the
EADISEL bit of BCR2 is set to 1 and the Am79C972
controller is programmed to promiscuous mode
(PROM bit of the Mode Register is set to 1), then all in-
coming frames will be accepted, regardless of any ac-
tivity on the EAR pin.
Internal address match is disabled when PROM
(CSR15, bit 15) is cleared to 0, DRCVBC (CSR15, bit
14) and DRCVPA (CSR15, bit 13) are set to 1, and the
Logical Address Filter registers (CSR8 to CSR11) are
programmed to all zeros.
When the EADISEL bit of BCR2 is set to 1 and internal
address match is disabled, then all incoming frames
will be accepted by the Am79C972 controller, unless
the EAR pin becomes active during the first 64 bytes of
the frame (excluding preamble and SFD). This allows
external address lookup logic approximately 58 byte
times after the last destination address bit is available
to generate the EAR signal, assuming that the
Am79C972 controller is not configured to accept runt
packets. The EADI logic only samples EAR from 2 bit
times after SFD until 512 bit times (64 bytes) after SFD.
The frame will be accepted if EAR has not been as-
serted during this window. In order for the EAR pin to
be functional in full-duplex mode, FDRPAD bit (BCR9,
bit 2) needs to be set. If Runt Packet Accept (CSR124,
bit 3) is enabled, then the EAR signal must be gener-
ated prior to the 8 bytes received, if frame rejection is
to be guaranteed. Runt packet sizes could be as short
as 12 byte times (assuming 6 bytes for source address,
2 bytes for length, no data, 4 bytes for FCS) after the
last bit of the destination address is available. EAR
must have a pulse width of at least 110 ns.
The EADI outputs continue to provide data throughout
the reception of a frame. This allows the external logic
to capture frame header information to determine pro-
tocol type, internetworking information, and other use-
ful data.
The EADI interface will operate as long as the STRT bit
in CSR0 is set, even if the receiver and/or transmitter
are disabled by software (DTX and DRX bits in CSR15
are set). This configuration is useful as a semi-power-
down mode in that the Am79C972 controller will not
perform any power-consuming DMA operations. How-
ever, external circuitry can still respond to control
frames on the network to facilitate remote node control.
Table 8 summarizes the operation of the EADI inter-
face.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com