Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 63Page - Advanced Micro Devices AM79C972 Datasheet HTML 64Page - Advanced Micro Devices AM79C972 Datasheet HTML 65Page - Advanced Micro Devices AM79C972 Datasheet HTML 66Page - Advanced Micro Devices AM79C972 Datasheet HTML 67Page - Advanced Micro Devices AM79C972 Datasheet HTML 68Page - Advanced Micro Devices AM79C972 Datasheet HTML 69Page - Advanced Micro Devices AM79C972 Datasheet HTML 70Page - Advanced Micro Devices AM79C972 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
Am79C972
67
Media Independent Interface
The Am79C972 controller fully supports the MII ac-
cording to the IEEE 802.3 standard. This Reconcilia-
tion Sublayer interface allows a variety of PHYs
(10 0 BASE-T X , 100 BASE-F X , 100BASE-T 4 ,
100BASE-T2, 10BASE-T, etc.) to be attached to the
Am79C972 MAC engine without future upgrade prob-
lems. The MII interface is a 4-bit (nibble) wide data path
interface that runs at 25 MHz for 100-Mbps networks or
2.5 MHz for 10-Mbps networks. The interface consists
of two independent data paths, receive (RXD(3:0)) and
transmit (TXD(3:0)), control signals for each data path
(RX_ER, RX_DV, TX_ER, TX_EN), network status sig-
nals (COL, CRS), clocks (RX_CLK, TX_CLK) for each
data path, and a two-wire management interface (MDC
and MDIO). See Figure 35.
MII Transmit Interface
The MII transmit clock is generated by the external
PHY and is sent to the Am79C972 controller on the
TX_CLK input pin. The clock can run at 25 MHz or 2.5
MHz, depending on the speed of the network to which
the external PHY is attached. The data is a nibble-wide
(4 bits) data path, TXD(3:0), from the Am79C972 con-
troller to the external PHY and is synchronous to the
rising edge of TX_CLK. The transmit process starts
when the Am79C972 controller asserts the TX_EN,
which indicates to the external PHY that the data on
TXD(3:0) is valid.
Normally, unrecoverable errors are signaled through
the MII to the external PHY with the TX_ER output pin.
The external PHY will respond to this error by generat-
ing a TX coding error on the current transmitted frame.
The Am79C972 controller does not use this method of
signaling errors on the transmit side. The Am79C972
controller will invert the FCS on the last byte generating
an invalid FCS. The TX_ER pin is reserved for future
use and is actively driven to 0.
MII Receive Interface
The MII receive clock is also generated by the external
PHY and is sent to the Am79C972 controller on the
RX_CLK input pin. The clock will be the same fre-
quency as the TX_CLK but will be out of phase and can
run at 25 MHz or 2.5 MHz, depending on the speed of
the network to which the external PHY is attached.
Figure 35.
Media Independent Interface
The RX_CLK is a continuous clock during the reception
of the frame, but can be stopped for up to two RX_CLK
periods at the beginning and the end of frames, so that
the external PHY can sync up to the network data traffic
necessary to recover the receive clock. During this
time, the external PHY may switch to the TX_CLK to
maintain a stable clock on the receive interface. The
Am79C972 controller will handle this situation with no
loss of data. The data is a nibble-wide (4 bits) data
pa th, RXD (3:0 ), from the exter n al PHY to th e
Am79C972 controller and is synchronous to the rising
edge of RX_CLK.
The receive process starts when RX_DV is asserted.
RX_DV will remain asserted until the end of the receive
frame. The Am79C972 controller requires CRS (Car-
rier Sense) to toggle in between frames in order to re-
ceive them properly. Errors in the currently received
frame are signaled across the MII by the RX_ER pin.
RX_ER can be used to signal special conditions out of
band when RX_DV is not asserted. Two defined out-of-
band conditions for this are the 100BASE-TX signaling
of bad Start of Frame Delimiter and the 100BASE-T4
indication of illegal code group before the receiver has
synched to the incoming data. The Am79C972 control-
ler will not respond to these conditions. All out of band
4
RXD(3:0)
RX_DV
RX_ER
RX_CLK
4
TXD(3:0)
TX_EN
Am79C972
COL
CRS
Receive Signals
Transmit Signals
Management Port Signals
Network Status Signals
TX_CLK
MDIO
MDC
21485C-38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com