Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 75Page - Advanced Micro Devices AM79C972 Datasheet HTML 76Page - Advanced Micro Devices AM79C972 Datasheet HTML 77Page - Advanced Micro Devices AM79C972 Datasheet HTML 78Page - Advanced Micro Devices AM79C972 Datasheet HTML 79Page - Advanced Micro Devices AM79C972 Datasheet HTML 80Page - Advanced Micro Devices AM79C972 Datasheet HTML 81Page - Advanced Micro Devices AM79C972 Datasheet HTML 82Page - Advanced Micro Devices AM79C972 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 130 page
background image
Am79C972
79
SRAM Configuration
The Am79C972 controller supports SRAM as a FIFO
extension as well as providing a read/write data path to
the SRAM. The Am79C972 controller contains
12 Kbytes of SRAM.
Internal SRAM Configuration
The SRAM_SIZE (BCR25, bits 7-0) programs the size
of the SRAM. SRAM_SIZE can be programmed to a
smaller value than 12 Kbytes.
The SRAM should be programmed on a 512-byte
boundary. However, there should be no accesses to the
RAM space while the Am79C972 controller is running.
The Am79C972 controller assumes that it completely
owns the SRAM while it is in operation. To specify how
much of the SRAM is allocated to transmit and how
much is allocated to receive, the user should program
SRAM_BND (BCR26, bits 7-0) with the page boundary
where the receive buffer begins. The SRAM_BND also
should be programmed on a 512-byte boundary. The
transmit buffer space starts at 0000h. It is up to the user
or the software driver to split up the memory for trans-
mit or receive; there is no defaulted value. The mini-
mum SRAM size required is four 512-byte pages for
each transmit and receive queue, which limits the
SRAM size to be at least 4 Kbytes.
The SRAM_BND upon H_RESET will be reset to
0000h. The Am79C972 controller will not have any
transmit buffer space unless SRAM_BND is pro-
grammed. The last configuration parameter necessary
is the clock source used to control the Expansion Bus
interface. This is programmed through the SRAM Inter-
face Control register. The externally driven Expansion
Bus Clock (EBCLK) can be used by specifying a value
of 010h in EBCS (BCR27, bits 5-3). This allows the
user to utilize any clock that may be available.
There are two standard clocks that can be chosen as
well, the PCI clock or the externally provided time base
clock. Use of the internal clock is not recommended.
When the PCI or time base clock is used, the EBCLK
does not have to be driven, but it must be tied to VDD
through a resistor. The user must specify an SRAM
clock (BCR27, bits 5-3) that will not stop unless the
Am79C972 controller is stopped. Otherwise, the
Am79C972 controller will report buffer overflows, un-
derflows, corrupt data, and will hang eventually.
The user can decide to use a fast clock and then divide
down the frequency to get a better duty-cycle if re-
quired. The choices are a divide by 2 or 4 and is pro-
grammed by the CLK_FAC bits (BCR27, bits 2-0). Note
that the Am79C972 controller does not support an
SRAM frequency above 33 MHz regardless of the clock
and clock factor used.
No SRAM Configuration
If the SRAM_SIZE (BCR25, bits 7-0) value is 0 in the
SRAM size register, the Am79C972 controller will as-
sume that there is no SRAM present and will reconfig-
ure the four internal FIFOs into two FIFOs, one for
transmit and one for receive. The FIFOs will operate
the same as in the PCnet-PCI II controller. When the
SRAM SIZE (BCR25, bits 7-0) value is 0, the SRAM
BND (BCR26, bits 7-0) are ignored by the Am79C972
controller. See Figure 45.
Low Latency Receive Configuration
If the LOLATRX (BCR27, bit 4) bit is set to 1, then the
Am79C972 controller will configure itself for a low la-
tency receive configuration. In this mode, SRAM is re-
quired at all times. If the SRAM_SIZE (BCR25, bits 7-
0) value is 0, the Am79C972 controller will not config-
ure for low latency receive mode. The Am79C972 con-
troller will provide a fast path on the receive side
bypassing the SRAM. All transmit traffic will go to the
SRAM, so SRAM_BND (BCR26, bits 7-0) has no
meaning in low latency receive mode. When the
Am79C972 controller has received 16 bytes from the
network, it will start a DMA request to the PCI Bus In-
terface Unit. The Am79C972 controller will not wait for
the first 64 bytes to pass to check for collisions in Low
Latency Receive mode. The Am79C972 controller
must be in STOP before switching to this mode. See
Figure 46.
CAUTION: To provide data integrity when switching
into and out of the low latency mode, DO NOT SET
the FASTSPNDE bit when setting the SPND bit. Re-
c e i ve f r am es WI L L be ov e r w r i tte n a nd th e
Am79C972 controller may give erratic behavior
when it is enabled again.
Direct SRAM Access
The SRAM can be accessed through the Expansion
Bus Data port (BCR30). To access this data port, the
user must load the upper address EPADDRU (BCR29,
bits 3-0) and set FLASH (BCR29, bit 15) to 0. Then the
user will load the lower 16 bits of address EPADDRL
(BCR28, bits 15-0). To initiate a read, the user reads
the Expansion Bus Data Port (BCR30). This slave ac-
cess from the PCI will result in a retry for the very first
access. Subsequent accesses may give a retry or not,
depending on whether or not the data is present and
valid. The direct SRAM access uses the same FLASH/
EPROM access except for accessing the SRAM in
word format instead of byte format. This access is
meant to be a diagnostic access only. The SRAM can
only be accessed while the Am79C972 controller is in
STOP or SPND (FASTSPNDE is set to 0) mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com