Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 82Page - Advanced Micro Devices AM79C972 Datasheet HTML 83Page - Advanced Micro Devices AM79C972 Datasheet HTML 84Page - Advanced Micro Devices AM79C972 Datasheet HTML 85Page - Advanced Micro Devices AM79C972 Datasheet HTML 86Page - Advanced Micro Devices AM79C972 Datasheet HTML 87Page - Advanced Micro Devices AM79C972 Datasheet HTML 88Page - Advanced Micro Devices AM79C972 Datasheet HTML 89Page - Advanced Micro Devices AM79C972 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 130 page
background image
86
Am79C972
PME_STATUS bit (PMCSR, bit 15) to be set, which in
tur n will asser t the PME pin if the PME_EN bit
(PMCSR, bit 8) is set.
Pattern Match RAM (PMR)
PMR is organized as an array of 64 words by 40 bits as
shown in Figure 49. The PMR is programmed indirectly
through the BCRs 45, 46, and 47. When the BCR45 is
written and the PMAT_MODE bit (BCR45, bit 7) is set
to 1, Pattern Match logic is enabled. No bus accesses
into the PMR are possible when the PMAT_MODE bit
is set, and BCR46, BCR47, and all other bits in BCR45
are ignored. When PMAT_MODE is set, a read of
BCR 45 r e tu r n s all bi ts u nde fin ed ex ce pt fo r
PMAT_MODE. In order to access the contents of the
PMR, PMAT_MODE bit should be programmed to 0.
When BCR45 is written to set the PMAT_MODE bit to
0, the Pattern Match logic is disabled and accesses to
the PMR are possible. Bits 6:0 of BCR45 specify the
address of the PMR word to be accessed. Writing to
BCR45 does not immediately affect the contents of the
PMR. Following the write to BCR45, the PMR word ad-
dressed by the bits 6:0 of the BCR45 may be read by
reading BCR45, BCR46, and BCR47 in any order. To
write to the PMR word, the write to BCR45 must be
followed by a write to BCR46 and a write to BCR47 in
that order to complete the operation. The PMR will not
actually be written until the write to BCR47 is complete.
The first two 40-bit words in this RAM serve as pointers
and contain enable bits for the eight possible match
patterns. The remainder of the RAM contains the
match patterns and associated match pattern control
bits. The byte 0 of the first word contains the Pattern
Enable bits. Any bit position set in this byte enables the
corresponding match pattern in the PMR, as an exam-
ple if the bit 3 is set, then the Pattern 3 is enabled for
matching. Bytes 1 to 4 in the first word are pointers to
the beginning of the patterns 0 to 3, and bytes 1 to 4 in
the second word are pointers to the beginning of the
patterns 4 to 7, respectively. Byte 0 of the second word
has no function associated with it.The byte 0 of the
words 2 to 63 is the Control Field of the PMR. Bit 7 of
this field is the End of Packet (EOP) bit. When this bit is
set, it indicates the end of a pattern in the PMR. Bits 6-
4 of the Control Field byte are the SKIP bits. The value
of the SKIP field indicates the number of the Dwords to
be skipped before the pattern in this PMR word is com-
pared with data from the incoming frame. A maximum
of seven Dwords may be skipped. Bits 3-0 of the Con-
trol Field byte are the MASK bits. These bits corre-
spond to the pattern match bytes 3-0 of the same PMR
word (PMR bytes 4-1). If bit n of this field is 0, then byte
n of the corresponding pattern word is ignored. If this
field is programmed to 3, then bytes 0 and 1 of the pat-
tern match field (bytes 2 and 1 of the word) are used
and bytes 3 and 2 are ignored in the pattern matching
operation.
The contents of the P M R are not affe c ted by
H_RESET, S_RESET, or STOP. The contents are un-
defined after a power up reset (POR).
Magic Packet Mode
In Magic Packet mode, the PCnet-FAST+ controller re-
mains fully powered up (all VDD and VDDB pins must
remain at their supply levels). The device will not gen-
erate any bus master transfers. No transmit operations
will be initiated on the network. The device will continue
to receive frames from the network, but all frames will
be automatically flushed from the receive FIFO. Slave
accesses to the PCnet-FAST+ controller are still possi-
ble. A Magic Packet is a frame that is addressed to the
PCnet-FAST+ controller and contains a data sequence
anywhere in its data field made up of 16 consecutive
copies of the device’s physical address (PADR[47:0]).
The PCnet-FAST+ controller will search incoming
frames until it finds a Magic Packet frame. It starts
scanning for the sequence after processing the length
field of the frame. The data sequence can begin any-
where in the data field of the frame, but must be de-
tected before the PCnet-FAST+ controller reaches the
frame’s FCS field. Any deviation of the incoming
frame’s data sequence from the required physical ad-
dress sequence, even by a single bit, will prevent the
detection of that frame as a Magic Packet frame.
The PCnet-FAST+ controller supports two different
modes of address detection for a Magic Packet frame.
If MPPLBA (CSR5, bit 5) or EMPPLBA (CSR116, bit 6)
are at their default value of 0, the PCnet-FAST+ con-
troller will only detect a Magic Packet frame if the des-
tination address of the packet matches the content of
the physical address register (PADR). If MPPLBA or
EMPPLBA are set to 1, the destination address of the
Magic Packet frame can be unicast, multicast, or
broadcast.
Note: The setting of MPPLBA or EMPPLBA only ef-
fects the address detection of the Magic Packet frame.
The Magic Packet’s data sequence must be made up
of 16 consecutive copies of the device’s physical ad-
dress (PADR[47:0]), regardless of what kind of destina-
tion address it has.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com