Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 15Page - Advanced Micro Devices AM79C972 Datasheet HTML 16Page - Advanced Micro Devices AM79C972 Datasheet HTML 17Page - Advanced Micro Devices AM79C972 Datasheet HTML 18Page - Advanced Micro Devices AM79C972 Datasheet HTML 19Page - Advanced Micro Devices AM79C972 Datasheet HTML 20Page - Advanced Micro Devices AM79C972 Datasheet HTML 21Page - Advanced Micro Devices AM79C972 Datasheet HTML 22Page - Advanced Micro Devices AM79C972 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
Am79C972
19
larity is programmed to active HIGH, the output is a
totem pole driver.
Note: The LED1 pin is multiplexed with the EESK and
SFBD pins.
The LED1 pin is also used during EEPROM Auto-
Detection to determine whether or not an EEPROM is
present at the Am79C972 controller interface. At the
last rising edge of CLK while RST is active LOW, LED1
is sampled to determine the value of the EEDET bit in
BCR19. It is important to maintain adequate hold time
around the rising edge of the CLK at this time to ensure
a correctly sampled value. A sampled HIGH value
means that an EEPROM is present, and EEDET will be
set to 1. A sampled LOW value means that an EE-
PROM is not present, and EEDET will be set to 0. See
the EEPROM Auto-Detection section for more details.
If no LED circuit is to be attached to this pin, then a pull
up or pull down resistor must be attached instead in
order to resolve the EEDET setting.
WARNING: The input signal level of LED1 must be
insured for correct EEPROM detection before the
deassertion of RST.
LED2
LED2
Output
This output is designed to directly drive an LED. This
pin can be programmed to indicate various network
status (see BCR6). The LED2 pin polarity is program-
mable, but by default it is active LOW. When the LED2
pin polarity is programmed to active LOW, the output is
an open drain driver. When the LED2 pin polarity is pro-
grammed to active HIGH, the output is a totem pole
driver.
Note: The LED2 pin is multiplexed with the SRDCLK
pin and the MIIRXFRTGE pins.
LED3
LED3
Output
This output is designed to directly drive an LED. By de-
fault, LED3 indicates transmit activity on the network.
This pin can also be programmed to indicate other net-
work status (see BCR7). The LED3 pin polarity is pro-
grammable, but by default it is active LOW. When the
LED3 pin polarity is programmed to active LOW, the
output is an open drain driver. When the LED3 pin po-
larity is programmed to active HIGH, the output is a
totem pole driver.
Special attention must be given to the external circuitry
attached to this pin. When this pin is used to drive an
LED while an EEPROM is used in the system, then
buffering maybe required between the LED3 pin and
the LED circuit. If an LED circuit were directly attached
to this pin, it may create an IOL requirement that could
not be met by the serial EEPROM attached to this pin.
If no EEPROM is included in the system design or low
current LEDs are used, then the LED3 signal may be
directly connected to an LED without buffering. For
more details regarding LED connection, see the sec-
tion on LED Support.
Note: The LED3 pin is multiplexed with the EEDO,
SRD, MIIRXFRTGD pins.
PG
Power Good
Input
The PG pin has two functions: (1) it puts the device into
Magic Packet™ mode, and (2) it blocks any resets
when the PCI bus power is off.
When PG is LOW and either MPPEN or MPMODE is
set to 1, the device enters the Magic Packet mode.
When PG is LOW, a LOW assertion of the PCI RST pin
will only cause the PCI interface pins (except for PME)
to be put in the high impedance state. The internal logic
will ignore the assertion of RST.
When PG is HIGH, assertion of the PCI RST pin
causes the controller logic to be reset and the configu-
ration information to be loaded from the EEPROM.
PG input should be kept high during the NAND tree
testing.
RWU
Remote Wake Up
Output
RWU is an output that is asserted either when the con-
troller is in the Magic Packet mode and a Magic Packet
frame has been detected, or the controller is in the Link
Change Detect mode and a Link Change has been de-
tected.
This pin can drive the external system management
logic that causes the CPU to get out of a low power
mode of operation. This pin is implemented for designs
that do not support the PME function.
Three bits that are loaded from the EEPROM into
CSR116 can program the characteristics of this pin:
1. RWU_POL determines the polarity of the RWU sig-
nal.
2. If RWU_GATE bit is set, RWU is forced to the high
impedance state when PG input is LOW.
3. RWU_DRIVER determines whether the output is
open drain or totem pole.
The internal power-on-reset signal forces this output
into the high impedance state until after the polarity and
drive type have been determined.
WUMI
Wake-Up Mode Indicator
Output
This output, which is capable of driving an LED, is as-
serted when the device is in Magic Packet mode. It can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com