Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 73Page - Advanced Micro Devices AM79C972 Datasheet HTML 74Page - Advanced Micro Devices AM79C972 Datasheet HTML 75Page - Advanced Micro Devices AM79C972 Datasheet HTML 76Page - Advanced Micro Devices AM79C972 Datasheet HTML 77Page - Advanced Micro Devices AM79C972 Datasheet HTML 78Page - Advanced Micro Devices AM79C972 Datasheet HTML 79Page - Advanced Micro Devices AM79C972 Datasheet HTML 80Page - Advanced Micro Devices AM79C972 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
Am79C972
77
Figure 42.
Expansion ROM Bus Read Sequence
Figure 43.
Flash Read from Expansion Bus Data Port
The EROMCS is driven low for the value ROMTMG +
1. Figure 43 assumes that ROMTMG is set to nine.
EBD[7:0] is sampled with the next rising edge of CLK
ten clock cycles after EBUA_EBA[7:0] was driven with
a new address value. This PCI slave access to the
Flash/EPROM will result in a retry for the very first ac-
cess. Subsequent accesses may give a retry or not, de-
pending on whether or not the data is present and valid.
The access time is dependent on the ROMTMG bits
(BCR18, bits 15-12) and the Flash/EPROM. This ac-
cess mechanism differs from the Expansion ROM ac-
cess mechanism since only one byte is read in this
manner, instead of the 4 bytes in an Expansion ROM
access. The PCI bus will not be held during accesses
through the Expansion Bus Data Port. If the LAAINC
(BCR29, bit 15) is set, the EBADDRL address will be
incremented and a continuous series of reads from the
Expansion Data Port (EBDATA, BCR30) is possible.
The address incrementor will roll over without warning
and without incrementing the upper address EBAD-
DRU.
The Flash write is almost the same procedure as the
read access, except that the Am79C972 controller will
not drive AS_EBOE low. The EROMCS and EBWE are
driven low for the value ROMTMG again. The write to
the FLASH port is a posted write and will not result in a
retry to the PCI unless the host tries to write a new
value before the previous write is complete, then the
host will experience a retry. See Figure 44.
CLK
EBUA_EBA [7:0]
Latched Address
EBDA [15:8]
EBD
AS_EBO
EROMCS
FRAME
IRDY
TRDY
DEVSEL
5
10
15
20
25
30
35
40
45
50
55
60
66
A[7:2], 0, 1
A[7:2], 0, 0
A[19:16]
A[7:2], 1, 0
A[7:2], 1, 1
21485C-45
21485C-46
EBUA_EBA[7:0]
EBD[7:0]
AS_EBOE
EROMCS
EBUA[19:16]
EBDA[15:8]
EBDA[15:8]
EBA[7:0]
CLK
1
2
3
4
5
6
7
8
9
10
11
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com