Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 97Page - Advanced Micro Devices AM79C972 Datasheet HTML 98Page - Advanced Micro Devices AM79C972 Datasheet HTML 99Page - Advanced Micro Devices AM79C972 Datasheet HTML 100Page - Advanced Micro Devices AM79C972 Datasheet HTML 101Page - Advanced Micro Devices AM79C972 Datasheet HTML 102Page - Advanced Micro Devices AM79C972 Datasheet HTML 103Page - Advanced Micro Devices AM79C972 Datasheet HTML 104Page - Advanced Micro Devices AM79C972 Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 130 page
background image
Am79C972
101
1
RES
Reserved location. Read as zero;
write operations have no effect.
0
IOSPACE
I/O space indicator. Read as one;
write operations have no effect.
Indicating that this base address
register describes an I/O base
address.
PCI Memory Mapped I/O Base Address Register
Offset 14h
The PCI Memory Mapped I/O Base Address register is
a 32-bit register that determines the location of the
Am79C972 I/O resources in all of memory space. It is
located at offset 14h in the PCI Configuration Space.
Bit
Name
Description
31-5
MEMBASE Memory mapped I/O base ad-
dress most significant 27 bits.
These bits are written by the host
to specify the location of the
Am79C972 I/O resources in all of
memory space. MEMBASE must
be written with a valid address
before the Am79C972 controller
slave memory mapped I/O mode
is turned on by setting the ME-
MEN bit (PCI Command register,
bit 1).
When the Am79C972 controller
is enabled for memory mapped
I/O mode (MEMEN is set), it mon-
itors the PCI bus for a valid mem-
ory command. If the value on
AD[31:5]
during
the
address
phase of the cycles matches the
value
of
MEMBASE,
the
Am79C972 controller will drive
DEVSEL indicating it will respond
to the access.
MEMBASE is read and written by
the host. MEMBASE is cleared
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
4
MEMSIZE
Memory mapped I/O size re-
quirements. Read as zeros; write
operations have no effect.
MEMSIZE indicates the size of
the
memory
space
the
Am79C972 controller requires.
When the host writes a value of
FFFF FFFFh to the Memory
Mapped I/O Base Address regis-
ter, it will read back a value of 0 in
bit 4. That indicates a Am79C972
memory space requirement of 32
bytes.
3
PREFETCH Prefetchable. Read as zero; write
operations have no effect. Indi-
cates that memory space con-
trolled by this base address
register is not prefetchable. Data
in the memory mapped I/O space
cannot be prefetched. Because
one of the I/O resources in this
address space is a Reset regis-
ter, the order of the read access-
es is important.
2-1
TYPE
Memory type indicator. Read as
zeros; write operations have no
effect. Indicates that this base ad-
dress register is 32 bits wide and
mapping can be done anywhere
in the 32-bit memory space.
0
MEMSPACE Memory space indicator. Read
as zero; write operations have no
effect. Indicates that this base ad-
dress register describes a memo-
ry base address.
PCI Subsystem Vendor ID Register
Offset 2Ch
The PCI Subsystem Vendor ID register is a 16-bit reg-
ister that together with the PCI Subsystem ID uniquely
identifies the add-in card or subsystem the Am79C972
controller is used in. Subsystem Vendor IDs can be ob-
tained from the PCI SIG. A value of 0 (the default) indi-
cates that the Am79C972 controller does not support
subsystem identification. The PCI Subsystem Vendor
ID is an alias of BCR23, bits 15-0. It is programmable
through the EEPROM.
The PCI Subsystem Vendor ID register is located at off-
set 2Ch in the PCI Configuration Space. It is read only.
PCI Subsystem ID Register
Offset 2Eh
The PCI Subsystem ID register is a 16-bit register that
together with the PCI Subsystem Vendor ID uniquely
identifies the add-in card or subsystem the Am79C972
controller is used in. The value of the Subsystem ID is
up to the system vendor. A value of 0 (the default) indi-
cates that the Am79C972 controller does not support
subsystem identification. The PCI Subsystem ID is an
alias of BCR24, bits 15-0. It is programmable through
the EEPROM.
The PCI Subsystem ID register is located at offset 2Eh
in the PCI Configuration Space. It is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com